データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L2PA-64-R

  • AI
    The **L2PA-64-R** is a specific model of a **Linear Power Amplifier (LPA)** module, typically utilized in high-frequency communication systems and signal processing applications. It is designed to boost low-power signals to a higher power level with minimal distortion. --- ### 1. Key Technical Specifications The performance of the L2PA-64-R is defined by its ability to maintain linearity across its operating spectrum. | Parameter | Typical Value / Description | | :--- | :--- | | **Frequency Range** | Usually optimized for RF/Microwave bands (specific to model tuning) | | **Gain** | High-level signal amplification (measured in dB) | | **P1dB** | 1dB Compression Point (indicates the limit of linear power output) | | **Supply Voltage** | DC operating voltage required for the internal transistors | | **Impedance** | Standard 50 Ohm input/output matching | | **Connector Type** | Often SMA or surface-mount pads (R suffix often denotes ROHS compliance) | --- ### 2. Core Electronic Components The internal architecture of an L2PA-64-R module consists of several critical stages: #### A. Power Transistors (The Heart) The module uses high-electron-mobility transistors (HEMTs) or LDMOS (Laterally Diffused Metal Oxide Semiconductor) components. These are responsible for the actual power gain. #### B. Matching Networks * **Input Matching:** Ensures maximum power transfer from the source to the amplifier. * **Output Matching:** Transforms the transistor's impedance to the standard 50-ohm load to prevent signal reflection. #### C. Biasing Circuitry This sub-system stabilizes the operating point (Quiescent current) of the transistors. It ensures that the amplifier remains in the "Linear" region to avoid clipping the signal. #### D. Thermal Management Since power amplifiers generate significant heat, the module often includes a metallic baseplate (heat sink interface) to dissipate thermal energy and prevent component failure. --- ### 3. Application Use-Cases The L2PA-64-R is commonly integrated into the following systems: 1. **Telecommunications:** Base stations and repeaters where signal integrity is paramount. 2. **Test & Measurement:** Providing a clean, amplified signal for lab equipment testing. 3. **Radar Systems:** Pre-amplification stages for transmission modules. --- ### 4. Implementation Example When integrating the L2PA-64-R into a circuit, a basic setup involves decoupling capacitors and a stable DC power supply: ```python # Conceptual representation of Power Amp Control (Pseudo-code) class PowerAmpController: def __init__(self, v_supply, temp_threshold): self.v_supply = v_supply self.temp_threshold = temp_threshold self.status = "OFF" def enable_amp(self, current_temp): if current_temp < self.temp_threshold: self.status = "ACTIVE" print(f"L2PA-64-R enabled at {self.v_supply}V") else: print("Safety shutdown: Temperature too high") ```
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency range limits for the L2PA-64-R?
    • ⤷ How does the 'R' suffix impact the manufacturing compliance of this part?
    • ⤷ What are the typical cooling requirements for this power amplifier?