データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L2PA-6E-R

  • AI
    ## Technical Overview of the L2PA-6E-R The **L2PA-6E-R** is a specific model within the **L2PA Series** of power distribution units and control components, commonly associated with **IDEC** or similar industrial automation manufacturers. It primarily functions as a **Power Supply Terminal/Socket** or a specialized **LED illumination unit** depending on the specific assembly context. --- ### 1. Key Specifications Below are the primary electronic characteristics typical for this component: | Feature | Specification | | :--- | :--- | | **Component Type** | LED Illumination Unit / Terminal Block | | **Operating Voltage** | 6V AC/DC (Standard) | | **Current Consumption** | ~10mA to 20mA | | **Light Source** | Integrated High-Intensity LED | | **Termination Style** | Screw Terminals (Rear access) | | **Mounting Type** | Panel Mount (typically 22mm or 30mm cutouts) | --- ### 2. Internal Electronic Parts The L2PA-6E-R consists of several critical sub-components that manage power and signal: * **LED Die:** The core light-emitting element, usually available in specific colors (Red, Green, Amber, White). * **Current Limiting Resistor:** A surface-mount (SMD) or through-hole resistor integrated to prevent the LED from burning out at the rated 6V input. * **Rectifier Diode:** Often included to allow the device to operate on both AC and DC polarity without damaging the LED. * **Conductive Terminals:** Tin or gold-plated copper alloy terminals designed for secure wire connection and low contact resistance. --- ### 3. Application and Usage These parts are generally used in industrial control panels for: 1. **Status Indication:** Providing visual feedback for machine states (On/Off/Fault). 2. **Pilot Lights:** Serving as the internal light engine for larger pilot light assemblies. 3. **Backlighting:** Illuminating labeled buttons or emergency stop switches. --- ### 4. Circuit Diagram Representation In a schematic, the L2PA-6E-R is represented as a polarized LED with a series resistor: ```text (+) Terminal (1) ----[ Resistor ]----( LED )---- (-) Terminal (2) ``` > **Note:** Always verify the voltage rating before installation. Applying 24V or 120V to a 6V-rated L2PA-6E-R will result in immediate component failure.
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting hole sizes for the L2PA series?
    • ⤷ Is there a 24V equivalent model to the L2PA-6E-R?
    • ⤷ How do I wire the L2PA-6E-R for an AC circuit?