データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L3-R15

  • AI
    The **L3-R15** is a specific variant of the **L3 series** of compact, air-cooled, high-power diode-pumped solid-state (DPSS) lasers, typically used in industrial marking, micro-machining, and engraving. Below is an overview of the primary electronic and optoelectronic components associated with this laser system. --- ## 1. Core Electronic Components The L3-R15 functions through a combination of power management, thermal control, and optical feedback loops. | Component Type | Description | Function | | :--- | :--- | :--- | | **Laser Diode Module** | The high-power pump source. | Converts electrical energy into optical pumping energy (usually around 808nm). | | **Q-Switch Driver** | High-frequency RF modulator. | Controls the timing of the laser pulses, allowing for high peak power. | | **Thermoelectric Cooler (TEC)** | Peltier cooling elements. | Stabilizes the temperature of the diode and crystals to ensure wavelength consistency. | | **Current Controller** | High-precision DC regulator. | Ensures the pump diode receives a ripple-free constant current to prevent burnout. | --- ## 2. Technical Specifications (Electronic Profile) These parts work together to achieve the specific output characteristics of the R15 model: ### A. Power Regulation The system typically requires a **24V DC** input. Internally, the electronics step this down or regulate it to drive the laser diode. The L3-R15 is designed for high efficiency, meaning the electronic drivers are optimized to minimize heat waste. ### B. Signal Interface (I/O) The control board usually features a **DB25** or similar interface to communicate with a PC or CNC controller. Key signals include: * **Gate Signal:** Controls when the laser is "Armed." * **PWM Signal:** Controls the average output power via pulse-width modulation. * **Trigger/Sync:** Synchronizes the Q-Switch with external motion systems. ### C. Monitoring Sensors * **Photodiode Sensors:** Monitor real-time output power to provide feedback to the driver. * **Thermistor (NTC/PTC):** Embedded in the laser head to trigger an emergency shutdown if the temperature exceeds a safe threshold (usually >35°C–40°C). --- ## 3. Maintenance & Common Part Failures When troubleshooting the electronics of an L3-R15, the following parts are most commonly inspected: 1. **RF Driver Cable:** The shielded cable connecting the Q-switch driver to the head. If the shielding fails, it causes "noise" in the laser beam. 2. **Diode Driver Board:** Look for bloated capacitors or burnt MOSFETs if the laser fails to fire despite receiving a signal. 3. **External Power Supply:** Often a standard industrial switching power supply (like Mean Well); a voltage drop here will cause unstable laser pulses. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the L3-R15 control interface?
    • ⤷ How do I troubleshoot a 'Q-Switch Error' on this specific laser model?
    • ⤷ What is the recommended maintenance schedule for the internal TEC elements?