データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L5030L-AF5-R

  • AI
    The **L5030L-AF5-R** is a specific integrated circuit, typically categorized as a **Low Dropout (LDO) Linear Regulator**. It is designed to provide a stable, fixed output voltage from a variable input source with minimal power loss. Below is a detailed breakdown of its specifications, pinout, and characteristics. --- ### 1. Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 3.0V (Fixed) | | **Output Current** | 300mA | | **Input Voltage Range** | Up to 6.0V - 7.0V | | **Package Type** | SOT-25 / SOT-23-5 | | **Quiescent Current** | Low (typically < 70µA) | | **Dropout Voltage** | ~200mV to 400mV @ 300mA | | **Enable Function** | Yes (Logic Controlled) | --- ### 2. Part Number Breakdown Understanding the suffix helps in identifying the exact variant: * **L5030**: Series identifier (300mA LDO). * **L**: Output voltage indicator (3.0V). * **AF5**: Package code (SOT-25 / SOT-23-5). * **R**: Packing code (Tape & Reel). --- ### 3. Pin Configuration (SOT-23-5) The device typically follows a standard 5-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **EN** | Enable Pin (High = On, Low = Off) | | 4 | **NC/BP** | No Connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage (3.0V) | --- ### 4. Key Features and Usage * **Low Dropout Voltage:** This allows the device to regulate 3.0V even when the battery or input voltage drops very close to 3.0V, maximizing battery life. * **Thermal Protection:** Includes internal thermal shutdown circuitry to prevent damage from overheating. * **Current Limiting:** Protects the IC and the system in case of a short circuit. * **Application Areas:** * Battery-powered handheld devices. * Reference voltage sources for Microcontrollers (MCUs). * Wireless modules (Wi-Fi/Bluetooth) requiring clean 3.0V power. --- ### 5. Standard Application Circuit To ensure stability, LDOs require external capacitors: ```c // Typical Schematic Representation [Input Voltage] ----> [VIN] (Pin 1) | [1uF Capacitor] | [GND] (Pin 2) | [Enable Signal] ----> [EN] (Pin 3) | [3.0V Output] <---- [VOUT] (Pin 5) | [1uF - 10uF Cap] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the L5030L-AF5-R?
    • ⤷ How does the dropout voltage affect battery efficiency in this specific IC?
    • ⤷ What is the maximum input voltage safety margin for this part?