データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L79D-R2-W

  • AI
    The **L79D-R2-W** is a high-performance, multi-constellation GNSS (Global Navigation Satellite System) module developed by **Quectel**. It is specifically designed to provide high precision in challenging environments using dual-frequency bands. --- ## 1. Core Technical Specifications The module integrates advanced satellite tracking capabilities with a compact form factor suitable for battery-powered devices. | Feature | Specification | | :--- | :--- | | **GNSS Engine** | Dual-Band (L1 + L5) | | **Supported Systems** | GPS, GLONASS, Galileo, BDS, QZSS | | **Supply Voltage** | 1.7V to 1.9V (Typ. 1.8V) | | **Dimensions** | 10.1mm × 9.7mm × 2.4mm | | **Communication** | UART, I2C | | **Sensitivity** | -165 dBm (Tracking) | --- ## 2. Key Electronic Components & Technologies ### A. Dual-Band GNSS (L1 + L5) Unlike standard GNSS modules that only use the L1 band, the L79D-R2-W utilizes both L1 and L5 bands. * **L1 Band:** Standard positioning signal. * **L5 Band:** A more complex signal that significantly reduces **Multipath Effects** (signal bouncing off buildings). This makes the module ideal for "urban canyons." ### B. Low Power Consumption The module is built on a 12nm process technology. This results in ultra-low power consumption, which is critical for wearables and IoT trackers. It features different power modes: * **Full Power:** Maximum performance and satellite tracking. * **Standby/Backup:** Minimal current draw while retaining satellite data for fast "Hot Starts." ### C. Multi-Constellation Engine It can concurrently receive and track multiple constellations. By combining GPS (USA), GLONASS (Russia), Galileo (Europe), and BDS (China), the module ensures that there is always a clear line of sight to enough satellites for a precise fix. --- ## 3. Interface and Pinout Overview The module uses an LCC (Leadless Chip Carrier) package for easy soldering. | Pin Type | Description | | :--- | :--- | | **VCC** | Main power supply input (1.8V). | | **UART (TX/RX)** | Main interface for NMEA data output and firmware configuration. | | **I2C** | Alternative interface for communicating with microcontrollers. | | **RF_IN** | The input pin for the GNSS antenna signal. | | **RESET_N** | Hardware reset pin (Active Low). | --- ## 4. Typical Application Circuit When designing with the L79D-R2-W, the following electronic considerations are vital: 1. **Antenna:** A dual-band antenna (supporting 1575.42MHz and 1176.45MHz) is required to utilize the L5 capabilities. 2. **LNA (Low Noise Amplifier):** The module usually has an integrated LNA, but an external one can be added for even higher sensitivity. 3. **Bypass Capacitors:** Decoupling capacitors (e.g., 10uF and 100nF) must be placed close to the VCC pin to filter noise.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption figures for the L79D-R2-W in tracking mode?
    • ⤷ Does this module support RTK (Real-Time Kinematic) for centimeter-level accuracy?
    • ⤷ What are the layout requirements for the RF_IN trace to ensure signal integrity?