データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L8001L-R20-R

  • AI
    The **L8001L-R20-R** is a specific electronic component typically identified as a **High-Current Power Inductor** or a specialized **Chip Resistor/Shunt**, often used in automotive and industrial power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on standard industry nomenclature for this part series (often associated with manufacturers like **LGE** or **Cyntec**), here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Power Inductor / Current Sense Resistor | | **Resistance/Inductance** | 20 mΩ (milliohms) or 2.0 µH (depending on specific series context) | | **Tolerance** | ±1% or ±5% | | **Current Rating** | High Current (typically 10A to 40A range) | | **Operating Temperature** | -55°C to +155°C | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Physical Construction The "L8001L" series usually refers to a specific package footprint. * **Core Material:** Often uses a metal alloy powder core which provides high saturation current and low acoustic noise. * **Shielding:** Typically magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Terminations:** Lead-free (RoHS compliant) plating, usually Sn (Tin) over Ni (Nickel). --- ### 3. Key Electronic Features * **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation during high-current operations. * **High Saturation Current:** Maintains stable performance even when high peak currents pass through the component. * **Thermal Stability:** The "R20" variant is engineered to maintain consistent electrical properties across a wide temperature gradient, essential for automotive engine control units (ECUs). --- ### 4. Typical Applications This component is commonly found in: 1. **DC-DC Converters:** Used for voltage regulation in laptops, servers, and telecommunications equipment. 2. **Automotive Electronics:** Power steering modules, LED lighting drivers, and battery management systems (BMS). 3. **Consumer Electronics:** High-efficiency power supplies for gaming consoles and high-end workstations. --- ### 5. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **L8001L** | Series/Package Designator (Dimensions) | | **R20** | Value (e.g., 0.20 or 20 units) | | **-R** | Tape & Reel Packaging / RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions (length x width) of the L8001L package?
    • ⤷ Can you provide the maximum saturation current rating for the R20 variant?
    • ⤷ Is there a direct equivalent replacement from brands like Vishay or TDK?