データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L8002L-R20-R

  • AI
    The **L8002L-R20-R** is a specific electronic component typically categorized as a **surface-mount (SMD) power inductor** or a specialized **resistor**, depending on the manufacturer (most commonly associated with high-precision current sensing or power management circuits). Below is a breakdown of its technical characteristics and typical specifications. --- ## 1. Technical Specifications While exact parameters can vary slightly by manufacturer, the nomenclature "L8002L" generally refers to the series and package size. | Parameter | Typical Value / Description | |:---|:---| | **Part Number** | L8002L-R20-R | | **Component Type** | Power Inductor / Current Sense Resistor | | **Value** | 0.20 µH (Inductance) or 0.20 Ω (Resistance) | | **Tolerance** | ±20% (Standard for "M" or general series) | | **Package / Case** | 8002 (Approx. 8.0mm x 8.0mm) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ## 2. Part Number Deciphering To understand the electronic properties, we can break down the suffix codes: * **L8002L**: The series prefix. The "8002" usually denotes the physical dimensions (Length x Width) of the component in metric or a proprietary manufacturer code. * **R20**: This represents the value. In electronic coding: * If an Inductor: **0.20 Microhenries (µH)**. * If a Resistor: **0.20 Ohms (Ω)**. * **-R**: Typically stands for **RoHS Compliant** or **Tape & Reel** packaging. --- ## 3. Key Applications Components with these specifications are usually found in high-efficiency power stages: 1. **DC-DC Converters:** Used for voltage regulation in laptops, motherboards, and industrial power supplies. 2. **Voltage Regulator Modules (VRM):** Often used in CPU/GPU power delivery where low inductance and high current handling are required. 3. **Filtering:** Used in EMI filtering to smooth out high-frequency noise in power lines. 4. **Current Sensing:** If the part is categorized as a shunt, it is used to measure current flow by monitoring the voltage drop across the R20 resistance. --- ## 4. Physical Characteristics * **Shielding:** Most L8002 series inductors are **shielded**, meaning they have a magnetic coating to prevent electromagnetic interference (EMI) from affecting nearby components. * **Construction:** Typically consists of a wire-wound copper coil inside a molded iron powder or ferrite core body. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the L8002L-R20-R?
    • ⤷ Is this part cross-compatible with the 8040 or 8080 SMD series?
    • ⤷ How does the temperature coefficient affect the R20 value in high-heat environments?