データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L813PW-R68MF

  • AI
    The **L813PW-R68MF** is a high-performance **surface-mount (SMD) power inductor**, typically utilized in high-frequency DC-DC converters and power supply modules. It belongs to a category often referred to as "Molded Power Inductors." --- ### ## 1. Part Number Breakdown While nomenclature can vary slightly by manufacturer (often associated with brands like **Laird** or **Codaca**), the code generally breaks down as follows: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **L813** | Series/Size | Refers to the physical dimensions (approx. 8.0 x 8.0 mm). | | **PW** | Type | Power Inductor (Wire-wound/Molded). | | **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Standard for power inductors). | | **F** | Finish/Environment | Often denotes Lead-Free (RoHS compliant). | --- ### ## 2. Key Technical Specifications Based on standard industry parameters for the 0.68µH variant in this frame size: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Extremely low (typically between 2.0mΩ to 5.0mΩ) to minimize power loss. * **Saturation Current (Isat):** Very high (often 20A - 35A depending on specific series), allowing the component to handle large current spikes without losing inductance. * **Operating Temperature:** Generally rated for **-40°C to +125°C**. * **Construction:** Metal alloy powder molding, which provides excellent magnetic shielding and low acoustic noise. --- ### ## 3. Core Features & Benefits 1. **High Current Density:** The molded construction allows for a much higher current capacity compared to traditional ferrite drum cores of the same size. 2. **Magnetic Shielding:** The alloy body acts as a natural shield, reducing Electromagnetic Interference (EMI) which is critical in dense PCB layouts. 3. **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when saturated, these molded inductors have a "soft" roll-off, making the circuit more stable under heavy loads. 4. **Low DCR:** Reduces heat generation and improves overall energy efficiency of the power stage. --- ### ## 4. Common Applications This part is typically found in the "buck" or "boost" stages of power circuits for: * **Computing:** CPU/GPU Voltage Regulator Modules (VRMs). * **Telecom:** High-speed routers and base stations. * **Industrial:** High-current DC-DC converters. * **Automotive:** Infotainment and ADAS systems (if AEC-Q200 qualified).
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the L813PW-R68MF?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?
    • ⤷ What are the physical dimensions (L x W x H) of this specific part?