データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L8401L-R16-R

  • AI
    The **L8401L-R16-R** is a specific electronic component, typically identified as a **Step-Down (Buck) DC-DC Converter** or a specialized **Voltage Regulator IC** (often manufactured by UTC - Unisonic Technologies). Below is a breakdown of its technical characteristics and functions. --- ## 1. Technical Specifications | Parameter | Description | | :--- | :--- | | **Part Number** | L8401L-R16-R | | **Component Type** | Synchronous Step-Down DC-DC Converter | | **Package Type** | SOP-16 (The "R16" in the suffix usually denotes the pin count and package) | | **Packaging Method** | Tape & Reel (The final "R" suffix) | | **Voltage Input Range** | Generally 4.5V to 18V (Varies slightly by sub-revision) | | **Output Current** | Typically supports up to 2A - 3A | --- ## 2. Key Features * **High Efficiency:** Uses synchronous rectification to minimize power loss compared to traditional diode-based buck converters. * **Internal Compensation:** Reduces the need for external components, saving PCB space. * **Protection Circuits:** * **OCP (Over Current Protection):** Limits current to prevent damage during shorts. * **OTP (Over Temperature Protection):** Shuts down the IC if it exceeds safe thermal limits. * **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the input voltage is stable. * **Soft Start:** Gradually increases the output voltage to prevent inrush current. --- ## 3. Pin Configuration (Common SOP-16 Layout) While functional assignments depend on the internal schematic, a standard DC-DC controller in a 16-pin package often includes: 1. **VIN:** Input supply voltage. 2. **SW (Switch):** Connection point for the external inductor. 3. **GND:** System ground. 4. **FB (Feedback):** Monitors output voltage via a resistor divider to maintain regulation. 5. **EN (Enable):** Logic pin to turn the regulator on or off. 6. **COMP:** Compensation pin for loop stability. --- ## 4. Typical Application Circuit In most designs, the L8401L requires the following peripheral components: * **Inductor ($L$):** To store energy during the switching cycle. * **Input/Output Capacitors ($C$):** To filter noise and stabilize the voltage. * **Resistor Divider:** Specifically connected to the **FB** pin to set the desired output voltage (e.g., converting 12V down to 5V or 3.3V). ```text Input (12V) --> [ L8401L ] --> Inductor --> Output (3.3V/5V) | | [Feedback] <-------+ ``` --- ## 5. Usage Scenarios * **Consumer Electronics:** Powering logic boards in LED TVs and Monitors. * **Networking:** Providing stable voltage for routers and switches. * **Industrial:** Distributing power in 12V or 24V bus systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage range for the L8401L-R16-R?
    • ⤷ How do I calculate the resistor values for the Feedback (FB) pin?
    • ⤷ What are the common alternatives or equivalents to this UTC part?