データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LA55141

  • AI
    ## Overview of the LA5514 The **LA5514** is a monolithic integrated circuit (IC) primarily designed as a **DC Motor Speed Controller**. It is commonly found in audio equipment like portable cassette players, tape recorders, and radio-cassette combinations. --- ### 1. Key Features and Specifications The LA5514 is valued for its stability and low power consumption. Below are the technical specifications: | Feature | Specification | | :--- | :--- | | **Operating Voltage (Vcc)** | 1.8V to 8.0V | | **Max Output Current** | 700mA | | **Reference Voltage** | Typ. 1.2V | | **Quiescent Current** | Typ. 1.3mA | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | SIP-4 (Single Inline Package) | --- ### 2. Pin Configuration The LA5514 typically comes in a 4-pin package. The pinout functions are as follows: 1. **Pin 1 (Vcc):** Power supply input. 2. **Pin 2 (Control/Adjustment):** Used for setting the motor speed via an external resistor/potentiometer. 3. **Pin 3 (Output):** Connects to the DC motor. 4. **Pin 4 (GND):** Common ground. --- ### 3. Functional Internal Blocks The IC contains several critical electronic stages to ensure the motor maintains a constant RPM regardless of load or battery voltage fluctuations: * **Reference Voltage Generator:** Provides a stable 1.2V internal reference to compare against the motor speed. * **Error Amplifier:** Compares the actual motor feedback with the reference voltage. * **Current Limiter:** Protects the IC and motor from over-current conditions (stalling). * **Driver Stage:** The power transistor stage that delivers current to the motor. --- ### 4. Typical Application Circuit In a standard application, the speed is controlled by the ratio of external resistors ($R_t$ and $R_k$). ```text Vcc (1.8V - 8V) | [LA5514] / | | \ Pin1 Pin2 Pin3 Pin4 | | | | Vcc R_adj Motor GND ``` **How it works:** The IC monitors the "Back EMF" (Electromotive Force) of the motor. When the motor load increases, the speed tends to drop; the LA5514 senses this change and automatically increases the output voltage to Pin 3 to maintain a constant speed. --- ### 5. Common Use Cases * **Walkmans/Portable Cassette Players:** Maintaining constant tape speed for audio playback. * **Micro-cassette Recorders:** Dictation machines. * **Small DC Fan Controllers:** Where precise speed regulation is required at low voltages. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement ICs for the LA5514?
    • ⤷ How do you calculate the external resistor values for a specific RPM?
    • ⤷ Can the LA5514 be used to drive a brushless DC motor?