データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LA5525

  • AI
    ## Overview of the LA5525 IC The **LA5525** is a monolithic integrated circuit (IC) specifically designed for **low-voltage DC motor speed control**. It was widely used in portable audio equipment such as radio-cassette recorders and portable tape players to maintain a constant motor speed despite battery voltage fluctuations. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Sanyo (Now part of ON Semiconductor) | | **Package Type** | TO-126 (3-pin or 5-pin variants) | | **Operating Voltage** | 1.8V to 10V | | **Reference Voltage** | Approx. 1.2V | | **Max Output Current** | 1.0A | | **Operating Temp** | -20°C to +80°C | --- ### 2. Internal Functions and Features The IC contains several internal stages to manage motor stability: * **Voltage Regulator:** Ensures that the internal circuitry remains stable even as the battery depletes. * **Reference Voltage Source:** Provides a stable baseline to compare the motor's Back Electromotive Force (BEMF). * **Current Limiter:** Protects the IC and the motor from damage during a stall or overload condition. * **Bridge Circuit:** Usually requires an external resistor ($R_t$) to set the internal bridge ratio, which dictates how the IC compensates for the motor's internal resistance ($R_a$). --- ### 3. Application Circuit (General Layout) In a typical circuit, the LA5525 is connected between the power source and the DC motor. The speed is adjusted using a potentiometer (variable resistor). ```mermaid graph LR VCC(Vcc 1.8V-10V) --> LA5525 LA5525 --> Motor LA5525 --> Ground Pot(Potentiometer) -.-> LA5525 ``` #### Standard Pin Configuration (TO-126 Package): 1. **Pin 1 (Control/Adjustment):** Connected to the variable resistor to set the desired RPM. 2. **Pin 2 (Common/Ground):** Connected to the negative rail. 3. **Pin 3 (Motor +):** Provides the regulated power to the motor. --- ### 4. Why use the LA5525? * **Low Saturation Voltage:** It can drive motors even when the battery is nearly empty. * **Few External Parts:** It requires minimal capacitors and resistors to function, saving PCB space. * **High Current Capability:** Despite its small size, it can handle up to 1A peak current, suitable for various small DC motors. ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the external resistor values for the LA5525?
    • ⤷ What are the common modern alternatives to the LA5525?
    • ⤷ Can the LA5525 be used for PWM-based speed control?