データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LA5527M

  • AI
    ## Overview of the LA5527M Integrated Circuit The **LA5527M** is a monolithic linear integrated circuit designed specifically for **electronic speed control** of low-voltage DC motors. It was primarily manufactured by Sanyo (now part of ON Semiconductor) and is commonly found in portable audio equipment like radio-cassette recorders and micro-cassette players. --- ### 1. Key Technical Specifications The LA5527M is optimized for low-voltage operation and high stability. | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Operating Voltage** | 1.8V to 10V | Ideal for 3V battery systems | | **Max Output Current** | 700mA | Sustained motor driving capability | | **Quiescent Current** | 1.3mA | Low power consumption for battery life | | **Package Type** | MFP8 (SOP8) | Small footprint surface mount | | **Reference Voltage** | 1.27V | Internal stable reference | --- ### 2. Internal Components & Functional Blocks The IC integrates several critical electronic components into a single silicon die: * **Voltage Reference:** A bandgap reference that provides a stable voltage regardless of temperature or supply fluctuations. * **Error Amplifier:** Compares the actual motor speed (back-EMF) with the desired setting and adjusts power accordingly. * **Power Transistor:** A high-current output stage (Darlington pair or similar) that drives the motor directly. * **Temperature Compensation Circuit:** Prevents "thermal runaway" by adjusting the motor speed as the device heats up. --- ### 3. Pin Configuration (MFP8 Package) | Pin No. | Name | Function Description | | :--- | :--- | :--- | | 1 | **Vcc** | Positive power supply input. | | 2 | **Control** | Speed adjustment pin (connected to a potentiometer). | | 3 | **GND** | System ground. | | 4 | **Ref** | Reference voltage output for the bridge circuit. | | 5 | **Motor (-)** | Connected to the negative terminal of the motor. | | 6 | **Motor (+)** | Connected to the positive terminal of the motor. | | 7 | **Phase Comp** | Connection for a capacitor to prevent oscillation. | | 8 | **Rt** | External resistor for setting the motor constant. | --- ### 4. Typical Application Circuit To use the LA5527M, a few external passive components are required to complete the speed-governing bridge. ```text Basic Setup: - C1 (10uF): Decoupling capacitor across Vcc and GND. - C2 (0.1uF): Phase compensation to prevent motor jitter. - R1 (Potentiometer): Connected to the Control pin to vary the speed. - Rt: Selected based on the specific motor's internal resistance. ``` --- ### 5. Features & Benefits * **Wide Voltage Range:** It can maintain a constant motor speed even as batteries discharge from 3V down to 1.8V. * **Few External Parts:** Reduces PCB size and manufacturing costs. * **High Torque:** The internal logic provides high startup torque even at low voltages. ---
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the resistor Rt for a specific motor?
    • ⤷ Can the LA5527M be used for PWM speed control?
    • ⤷ What are the common failure symptoms of this IC in cassette players?