データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LA5528

  • AI
    ## Overview of the LA5528 IC The **LA5528** is a monolithic integrated circuit specifically designed for **electronic speed control** of low-voltage DC motors. It is commonly found in battery-operated equipment like cassette recorders, portable players, and small motorized toys. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 1.8V to 8.0V (Standard 3V-6V) | | **Quiescent Current** | ~1.2mA | | **Maximum Output Current** | 700mA to 800mA | | **Reference Voltage** | Typ. 1.2V | | **Package Type** | SIP-4 (Single In-line Package) | --- ### Internal Electronic Components The LA5528 integrates several functional blocks into a single 4-pin chip to minimize the need for external components: 1. **Reference Voltage Generator:** Provides a stable internal voltage baseline to compare against the motor's feedback, ensuring speed remains constant regardless of battery drain. 2. **Error Amplifier:** Compares the reference voltage with the feedback from the motor's Back EMF (Electromotive Force). 3. **Current Power Transistor:** A robust internal power transistor capable of driving the motor directly with up to 800mA of current. 4. **Temperature Compensation Circuit:** Adjusts internal operations to prevent speed drift caused by the chip heating up during operation. --- ### Pin Configuration (SIP-4) | Pin No. | Name | Description | | :--- | :--- | :--- | | **1** | **Vcc** | Positive power supply input. | | **2** | **Control** | Used for setting the speed via an external resistor/potentiometer. | | **3** | **Motor** | Output terminal connected to the negative terminal of the DC motor. | | **4** | **GND** | Common ground (Negative terminal of battery). | --- ### Typical Application Circuit To function, the LA5528 usually requires only a few external parts: * **Rt (Timing Resistor):** A variable resistor (potentiometer) used to calibrate the exact motor RPM. * **Ct (Filter Capacitor):** A small capacitor (often 0.1µF) to suppress electrical noise and prevent oscillations. * **Diode:** Sometimes used across the motor to protect the IC from inductive spikes (Flyback protection). ### Features and Benefits * **Low Voltage Operation:** Works efficiently even when batteries are nearly depleted (down to 1.8V). * **Stability:** High immunity to fluctuations in load and supply voltage. * **Simplicity:** Reduces PCB space as it requires very few external resistors or capacitors compared to discrete transistor regulators.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity of the LA5528?
    • ⤷ How do you adjust the motor speed using this IC?
    • ⤷ Can the LA5528 be used with a 12V power supply?