データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LA5550M

  • AI
    ## Overview of the LA5550M IC The **LA5550M** is a monolithic linear integrated circuit designed primarily for **low-voltage DC motor speed control**. It is commonly found in portable audio equipment such as radio-cassette recorders and portable players. --- ### 1. General Specifications The LA5550M is optimized for battery-powered applications where efficiency and stability are critical. | Parameter | Value | | :--- | :--- | | **Manufacturer** | Sanyo (now part of ON Semiconductor) | | **Package Type** | MFP8 (Surface Mount) | | **Operating Voltage Range** | 1.8V to 8.0V | | **Maximum Output Current** | 700mA | | **Reference Voltage** | Typically 1.2V | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Internal Block Components The IC integrates several electronic stages to manage motor speed through back-EMF (Electromotive Force) feedback: 1. **Reference Voltage Generator:** Maintains a stable voltage reference regardless of battery fluctuations. 2. **Error Amplifier:** Compares the reference voltage with the feedback from the motor to adjust the power output. 3. **Current Limiter:** Protects the IC and the motor from damage during stalls or heavy loads. 4. **Power Pass Transistor:** The output stage capable of driving the motor directly. --- ### 3. Pin Configuration (MFP8) The LA5550M typically follows a standard 8-pin layout for motor controllers. | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | **Vcc** | Power Supply Input | | 2 | **Control** | Speed control adjustment pin | | 3 | **Reference** | Reference voltage output/input | | 4 | **GND** | Ground | | 5 | **Motor (+)** | Connection to Motor positive terminal | | 6-8 | **NC/Ext** | Often used for heat dissipation or external compensation | --- ### 4. Key Application Features * **Wide Operating Voltage:** Works down to 1.8V, making it ideal for 2-cell or 3-cell battery operations. * **Low Current Consumption:** Minimal quiescent current to extend battery life. * **Speed Stability:** It uses a bridge-type servo system to maintain constant RPM even as battery voltage drops or mechanical load increases. --- ### 5. Typical Application Circuit To use the LA5550M, a few external resistors and capacitors are required to set the "K-factor" (the ratio that determines how much the voltage increases to compensate for motor load). ```text Vcc ----[ Pin 1 ] | [ LA5550M ]----[ Pin 5 ]----> Motor (+) | GND ----[ Pin 4 ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LA5550M and the standard LM555 timer?
    • ⤷ How do you calculate the external resistor values for speed adjustment?
    • ⤷ Is there a direct modern equivalent for the LA5550M in new designs?