データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LA6393D

  • AI
    ## LA6393D Technical Overview The **LA6393D** is a high-performance **dual voltage comparator** integrated circuit (IC) developed by Sanyo (now part of ON Semiconductor). It is designed to operate from a single power supply over a wide range of voltages and is pin-compatible with the industry-standard LM393 series. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LA6393D: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Single)** | 2.0V to 36V | | **Supply Voltage (Dual)** | ±1.0V to ±18V | | **Current Consumption** | 0.6mA (typical) | | **Input Offset Voltage** | 2.0mV (typical) | | **Response Time** | 1.3μs | | **Output Type** | Open Collector | | **Package Type** | DIP-8 (Dual In-line Package) | --- ### 2. Internal Structure and Pinout The LA6393D contains two independent voltage comparators. Because it uses an **open-collector output**, it requires an external pull-up resistor to function correctly in logic circuits. #### Pin Configuration (DIP-8) 1. **OUT1**: Output of Comparator 1 2. **IN1(-)**: Inverting Input of Comparator 1 3. **IN1(+)**: Non-inverting Input of Comparator 1 4. **Vee/GND**: Negative supply or Ground 5. **IN2(+)**: Non-inverting Input of Comparator 2 6. **IN2(-)**: Inverting Input of Comparator 2 7. **OUT2**: Output of Comparator 2 8. **Vcc**: Positive supply voltage --- ### 3. Core Features * **Wide Input Common-Mode Range:** The input common-mode voltage range includes ground, even when operating from a single supply. * **Low Power Consumption:** Ideal for battery-operated devices. * **Open Collector Output:** This allows for "Wired-OR" connections and allows the output to interface with different logic levels (e.g., interfacing a 12V comparator circuit with a 5V microcontroller). * **Differential Input Voltage Range:** Equal to the supply voltage. --- ### 4. Typical Applications The LA6393D is commonly found in consumer electronics and industrial control systems: * **Level Detectors:** Comparing a sensor voltage against a reference. * **Zero-Crossing Detectors:** Identifying when an AC signal crosses 0V. * **Square Wave Generators:** Creating clock signals or PWM. * **Battery Voltage Monitors:** Triggering an LED or shutdown when voltage drops below a threshold. --- ### 5. Implementation Example To use the LA6393D as a simple threshold detector, you would connect the circuit as follows: ```cpp // Logic Representation If (Voltage at Pin 3 > Voltage at Pin 2) { Pin 1 = High Impedance (Pulled up to Vcc by resistor) } else { Pin 1 = Ground (Low) } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LA6393D and the standard LM393?
    • ⤷ How do I calculate the value of the pull-up resistor for the open collector output?
    • ⤷ Can the LA6393D be used as an operational amplifier?