データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LBS-R

  • AI
    The **LBS-R** (Load Break Switch - Remote/Remote Control) is a critical component in medium-voltage power distribution networks. It allows for the switching of electrical currents under load conditions and is integrated with electronic systems for remote automation. --- ## 1. Core Electronic Control Unit (ECU) The heart of the LBS-R is the **Electronic Controller** (often referred to as the RTU - Remote Terminal Unit). This unit manages all logic operations and communication. | Component | Function | | :--- | :--- | | **Microprocessor** | Processes logic, manages protection settings, and handles I/O signals. | | **A/D Converter** | Converts analog signals from sensors (Current/Voltage) into digital data. | | **Storage (EEPROM)** | Saves event logs, fault history, and configuration parameters. | ## 2. Sensing and Monitoring Electronics To operate safely and provide data to the utility provider, the LBS-R uses integrated electronic sensors. * **Current Transformers (CTs):** Measure line current to detect overloads or faults. * **Voltage Transformers (VTs/PTs):** Monitor line voltage for presence, loss, or phase imbalance. * **Position Sensors:** Limit switches or magnetic sensors that confirm the physical state (Open/Closed) of the switch. * **Pressure Sensors:** In SF6 gas-insulated models, electronic sensors monitor gas pressure to prevent arcing if insulation levels drop. ## 3. Communication Module The "R" in LBS-R stands for **Remote**. This requires specific communication hardware to interface with SCADA (Supervisory Control and Data Acquisition) systems. * **Modems:** GPRS, 4G/LTE, or Radio Frequency (RF) modules for wireless data transmission. * **Protocols:** The firmware typically supports standard industry protocols like **DNP3.0**, **IEC 60870-5-101/104**, or **Modbus**. * **Ports:** RS-232, RS-485, or Ethernet (RJ45) interfaces. ## 4. Power Supply and Battery Management Since LBS units must operate even during a total grid blackout, the electronic cabinet includes a robust power system. ```mermaid graph LR Line[AC Power Line] --> Charger[Battery Charger/Rectifier] Charger --> Battery[24V DC Lead-Acid/Li-ion] Battery --> Control[Electronic Controller] Battery --> Motor[Actuator Motor] ``` * **Battery Management System (BMS):** Monitors battery health, charging cycles, and low-voltage disconnects. * **Capacitor Bank:** Provides a high-energy burst to trigger the trip/close coils if the battery is weak. ## 5. Actuation Electronics This section bridges the digital logic and the mechanical movement. * **Motor Drive Circuit:** H-bridge or Relay-based circuits that drive the DC motor to open or close the switch. * **Solenoids/Coils:** Electromagnets that trigger the spring-loaded mechanism for rapid "snap" action to extinguish arcs. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between an LBS-R and an Auto-Recloser?
    • ⤷ How does the LBS-R handle arc quenching during load switching?
    • ⤷ What are the common maintenance steps for the electronic controller in an LBS-R?