データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LC-24-R/

  • AI
    The **LC-24-R** typically refers to a specific series of **Rotary Step Attenuators** (often manufactured by brands like *Kay Elemetrics* or similar RF component specialists). These devices are used in electronic testing to reduce the power of a signal without significantly distorting its waveform. Below is a breakdown of the electronic components and technical specifications. --- ### 1. Component Overview The LC-24-R is a passive RF component. Unlike active circuits, it does not require an external power supply to function, relying instead on high-precision resistive networks. | Component Part | Material/Type | Function | | :--- | :--- | :--- | | **Resistor Network** | Thick film or Metal film | Provides the specific decibel (dB) drop. | | **Switch Mechanism** | Silver-plated rotary contacts | Switches between different attenuation stages. | | **Housing** | Machined Aluminum / Zinc | Provides EMI/RFI shielding to prevent signal leakage. | | **Connectors** | BNC (Standard) or SMA | Interfaces with the signal source and load. | --- ### 2. Technical Specifications The electronic performance is defined by how accurately it maintains impedance while reducing voltage. | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | DC to 1 GHz (varies by specific sub-model) | | **Impedance** | 50 Ohms or 75 Ohms (model dependent) | | **Attenuation Range** | 0 to 24 dB (in 1 dB steps) | | **Power Rating** | 0.5 Watts to 1 Watt (Average) | | **Accuracy** | ±0.2 dB to ±0.5 dB depending on frequency | --- ### 3. Key Electronic Principles * **Pi (π) or T-Pad Configuration:** Internally, the resistors are arranged in specific geometric patterns to ensure the **Input and Output Impedance** remains constant regardless of the attenuation setting. This prevents signal reflections (VSWR). * **Insertion Loss:** Even at the "0 dB" setting, there is a small amount of electronic resistance caused by the internal wiring and connectors, usually less than 0.5 dB. * **BBM (Break-Before-Make):** The rotary switch is designed to disconnect the signal momentarily between steps to prevent short-circuiting the signal path. --- ### 4. Common Applications * **Receiver Sensitivity Testing:** Reducing a known signal to the minimum level a radio can "hear." * **Signal Leveling:** Balancing power levels between different stages of a laboratory setup. * **Circuit Protection:** Placing the attenuator before sensitive equipment (like a Spectrum Analyzer) to prevent overloading the input mixer.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 50-ohm and 75-ohm versions of the LC-24-R?
    • ⤷ How do I calculate the power dissipation if I exceed the 0.5W rating?
    • ⤷ Can this attenuator be used for high-frequency WiFi signals (2.4GHz)?