LC-R127R2P1
AI

The **LC-R127R2P1** is a specific model of a **Sealed Lead Acid (SLA)** battery manufactured by Panasonic. It is part of their "LC-R" series, designed for high reliability and cyclic or standby use.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of the LC-R127R2P1:
| Feature | Specification |
| :--- | :--- |
| **Nominal Voltage** | 12V |
| **Nominal Capacity** | 7.2Ah (at 20-hour rate) |
| **Chemistry** | Lead Acid (VRLA - Valve Regulated) |
| **Terminal Type** | Faston 187 (4.75mm width) |
| **Weight** | Approx. 2.40 kg (5.29 lbs) |
| **Design Life** | 6 to 9 years (Standby use at 20°C) |
| **Flammability Rating** | UL94 HB |
---
### 2. Internal Construction and "Parts"
As an electronic component, the battery consists of several internal sub-sections that dictate its performance:
* **Plates (Electrodes):** The positive plates are made of Lead Dioxide ($PbO_2$), and the negative plates are high-purity spongy Lead ($Pb$).
* **AGM Separator:** It uses **Absorbent Glass Mat (AGM)** technology. The electrolyte (sulfuric acid) is immobilized in a fiberglass mat between the plates, making the battery spill-proof.
* **VRLA Valve:** A one-way pressure relief valve. If internal pressure builds up due to overcharging, this valve releases gas to prevent the casing from bursting, then reseals.
* **Case Material:** Typically made of high-impact ABS resin to withstand vibration and environmental stress.
---
### 3. Key Electronic Characteristics
#### A. Charge Voltage (at 25°C)
To ensure the longevity of the battery, specific charging voltages must be applied based on the application:
* **Cycle Use:** 14.5V to 14.9V
* **Standby (Float) Use:** 13.6V to 13.8V
#### B. Discharge Curves
The capacity of 7.2Ah is rated at a 20-hour discharge rate. If you draw current faster (e.g., 1-hour rate), the effective capacity drops significantly due to internal resistance and chemical limitations.
#### C. Self-Discharge
The LC-R127R2P1 has a low self-discharge rate. It typically retains about **85%** of its capacity after 6 months of storage at 20°C.
---
### 4. Common Applications
Due to its 12V 7.2Ah rating, this is one of the most common battery sizes in the electronics industry:
* **Uninterruptible Power Supplies (UPS):** Providing backup power for PCs and servers.
* **Security Systems:** Powering alarm panels during grid failure.
* **Medical Equipment:** Portable monitors and life-support devices.
* **Emergency Lighting:** Powering exit signs and hallway lights.
- ⤷How do I calculate the runtime of this battery for a 50W load?
- ⤷ What is the difference between Faston 187 and Faston 250 terminals?
- ⤷ How does temperature affect the lifespan of an SLA battery?