データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LC2-12D-R

  • AI
    The **LC2-12D-R** is a specific model of a **Miniature Power Relay**, commonly used in industrial automation, security systems, and telecommunication equipment. Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Internal Components and Structure A relay is an electromechanical switch. The LC2-12D-R consists of several key physical parts: | Component | Material/Function | | :--- | :--- | | **Electromagnetic Coil** | Copper wire wound around a core; creates a magnetic field when energized. | | **Contacts** | Usually silver alloy; the conductive points that open or close the circuit. | | **Armature** | The moving part that is attracted by the coil's magnetism to flip the switch. | | **Yoke/Frame** | Provides the mechanical structure and magnetic path. | | **Return Spring** | Pulls the armature back to its original position when power is removed. | | **Terminals** | Metal pins (PC board type) for soldering onto a PCB. | --- ## 2. Technical Specifications The model name "LC2-12D-R" typically follows a standard nomenclature: ### A. Coil Voltage (The "12D" part) * **Voltage:** 12V DC. * **Power Consumption:** Usually around 200mW to 450mW depending on the specific series sensitivity. * **Action Type:** DC Coil (requires direct current to trigger). ### B. Contact Ratings * **Contact Form:** Typically **DPDT** (Double Pole Double Throw) or **2 Form C**. This means it can control two separate circuits simultaneously. * **Max Switching Voltage:** 250V AC / 30V DC. * **Max Switching Current:** Generally rated for **2A to 5A** (check specific datasheet for the LC2 sub-series, as "Miniature" relays often lean toward 2A signal switching). ### C. Mechanical & Environmental * **Sealing:** The "R" often denotes a "Sealed" or "Washable" type, protected by a plastic casing to prevent flux or dust entry. * **Mounting:** Through-hole PCB mounting. --- ## 3. Pinout Configuration Typically, the LC2-12D-R follows a standard 8-pin layout: 1. **Coil Pins (2 pins):** Where the 12V DC input is applied. 2. **Common (COM) (2 pins):** The "input" side of the switch. 3. **Normally Closed (NC) (2 pins):** Connected to COM when the coil is **OFF**. 4. **Normally Open (NO) (2 pins):** Connected to COM when the coil is **ON**. --- ## 4. Common Applications * **Telecommunications:** Signal switching in PBX systems. * **Office Equipment:** Photocopiers and printers. * **Consumer Electronics:** Power management in audio/visual equipment. * **Security:** Triggering alarms or door locks.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DPDT and SPDT versions of this relay?
    • ⤷ How do I calculate the flyback diode needed for this 12V coil?
    • ⤷ Can this relay be used to switch 220V AC household appliances?