データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LC2-151-R

  • AI
    The **LC2-151-R** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules. It belongs to the **LC2 series**, which is known for its low-profile design and high current-handling capabilities. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature where "151" typically denotes the inductance value. | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 150 µH (Microhenries) | | **Tolerance** | Usually ±20% | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite (typically) | | **Shielding** | Shielded construction (low EMI) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Characteristics These inductors are designed for high-density PCB layouts. * **Shielding:** The magnetic shielding minimizes Electromagnetic Interference (EMI), which is critical for sensitive electronics nearby. * **Terminations:** Flat-bottom leads or pads to ensure stable placement and reliable soldering during the reflow process. * **Form Factor:** Compact footprint designed to balance thermal dissipation with space efficiency. --- ### 3. Electronic Functions The LC2-151-R performs several critical roles within a circuit: 1. **Energy Storage:** In switching power supplies, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out ripples in output voltage. 3. **Impedance:** It provides high impedance to high-frequency AC signals while allowing DC to pass with minimal resistance. --- ### 4. Common Applications Due to its 150 µH rating and shielded design, it is frequently found in: * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. * **Industrial Electronics:** Power supplies for sensors and controllers. * **Consumer Electronics:** Laptop power rails and high-end audio equipment. * **LED Drivers:** Providing constant current for lighting arrays. --- ### 5. Interpreting the Part Number | Segment | Meaning | | :--- | :--- | | **LC2** | Series Identifier (Low profile/High current) | | **151** | Inductance Code ($15 \times 10^1 = 150 \text{ µH}$) | | **-R** | RoHS Compliant / Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the LC2-151-R?
    • ⤷ How does the shielding in the LC2 series impact EMI performance?
    • ⤷ What are the recommended soldering temperature profiles for this SMD inductor?