データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LC2-32-R

  • AI
    The **LC2-32-R** is a specific electronic component, typically identified as a **Power Inductor** (often associated with manufacturers like Eaton/Coiltronics or similar series). These are surface-mount devices (SMD) designed for high-current power conversion circuits. --- ## 1. Technical Specifications The "LC2" series is part of the **Octa-Pac®** or **Octa-Pac® Plus** families, known for their versatility in power management. | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 32 µH (Microhenries) | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Powdered Iron or Ferrite (depending on specific sub-series) | | **Configuration** | Dual-winding (can be used as 1:1 Transformer or Inductor) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Internal Features The LC2-32-R is not a simple single-wire coil; it features a specific construction that provides flexibility: * **Dual Winding:** It contains two separate windings on a single core. This allows the part to be wired in **Series** (to increase inductance) or in **Parallel** (to increase current capacity). * **Toroidal Geometry:** The circular core shape helps contain the magnetic flux, leading to lower Electromagnetic Interference (EMI). * **High Power Density:** Designed to handle significant current without saturating the magnetic core. --- ## 3. Applications These components are primarily found in the "power stage" of electronic devices: 1. **DC-DC Converters:** Used in Buck, Boost, or SEPIC topologies to store energy. 2. **Input/Output Filtering:** Acts as a low-pass filter to smooth out ripples in voltage. 3. **Isolation:** Can act as a basic isolation transformer for low-voltage signal/power paths. 4. **Voltage Inverters:** Changing a positive DC voltage to a negative DC voltage. --- ## 4. Connection Diagram (General) Because the part has dual windings, it typically has four terminals. ```text Winding 1: Pin 1 (Start) ---- Pin 4 (Finish) Winding 2: Pin 2 (Start) ---- Pin 3 (Finish) Options: - Parallel: Connect 1 to 2 and 3 to 4. - Series: Connect 4 to 2, use 1 and 3 as terminals. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the LC2-32-R?
    • ⤷ How does the 'R' suffix affect the ROHS compliance of this part?
    • ⤷ Can this component be used as a 1:1 pulse transformer?