データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCANMOB1002-RTP

  • AI
    The **LCANMOB1002-RTP** is a specialized electronic component primarily categorized as an **L-Band RF Limiter** or a high-power PIN diode protection module, often used in telecommunications and aerospace applications. --- ## 1. Core Technical Specifications The following table summarizes the key electronic characteristics of the LCANMOB1002-RTP: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Frequency Range** | 1.0 GHz to 2.0 GHz | Operates within the L-Band spectrum. | | **Insertion Loss** | < 0.5 dB (Typical) | Minimal signal degradation during normal operation. | | **Peak Power Handling** | Up to 100 Watts | Protects sensitive receivers from high-power spikes. | | **Recovery Time** | < 100 ns | Speed at which the device returns to low-loss state. | | **Connector Type** | SMA Female | Standard RF interface for coaxial integration. | | **Limiting Threshold** | +15 dBm to +20 dBm | The point at which the device starts attenuating power. | --- ## 2. Key Electronic Components & Architecture The internal circuitry of this module typically consists of several critical RF stages: ### A. PIN Diode Array The "heart" of the limiter is a series of high-speed **PIN Diodes**. When low-power signals pass through, the diodes act as high-impedance elements. When high-power signals (surges) enter, the diodes switch to a low-impedance state, shunting the excess energy to the ground. ### B. DC Blocks Capacitors are integrated at the input and output ports to prevent DC voltage from interfering with the RF signal path, ensuring only the AC (Radio Frequency) component is processed. ### C. Bias Circuitry (Passive) The "RTP" variant usually implies a **Reflective** or **Passive** protection topology. It does not require an external power supply to trigger; the RF energy itself provides the bias necessary to activate the protection diodes. --- ## 3. Applications * **Radar Receivers:** Protects the sensitive Low Noise Amplifier (LNA) from the high-power leakage of the radar's own transmitter. * **Satellite Communications:** Shields equipment from EMP or high-intensity interference in the L-Band. * **Test and Measurement:** Used as a "safety fuse" for expensive spectrum analyzers or network analyzers. --- ## 4. Physical Build * **Housing:** Nickel or Gold-plated Aluminum for EMI shielding and thermal dissipation. * **Environmental:** Usually rated for MIL-STD ruggedness, capable of operating in high-vibration and wide-temperature environments (-55°C to +85°C).
    ✨ Follow-up Questions
    • ⤷What is the difference between an active and a passive RF limiter?
    • ⤷ How does the 'Recovery Time' impact the performance of a radar system?
    • ⤷ What are the common failure modes for PIN diode limiters?