データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCANMOB1007-RSP

  • AI
    The **LCANMOB1007-RSP** is a specialized high-performance antenna designed primarily for mobile and industrial applications. It is part of L-com’s line of multi-band antennas, often utilized in vehicular or IoT environments. --- ## 1. Technical Specifications The core electronic properties of this component focus on its ability to handle multiple frequency bands (MIMO) with low signal loss and high gain. | Parameter | Specification Details | | :--- | :--- | | **Frequency Range** | 698 MHz - 5850 MHz (Broadband) | | **Gain** | 3 dBi to 6 dBi (varies by band) | | **Connector Type** | RP-SMA Plug (Reverse Polarity SMA) | | **Impedance** | 50 Ohms | | **Polarization** | Linear / Vertical | | **Vibration/Impact** | IK08 & IP67 Rated | --- ## 2. Key Electronic Features ### Multi-Band Coverage (5G/LTE/Wi-Fi) The internal circuitry is designed to resonate across a wide spectrum. This eliminates the need for separate antennas for different services: * **Low Band (698-960 MHz):** For 4G LTE and 5G Sub-6 coverage. * **Mid Band (1710-2700 MHz):** For cellular data and PCS bands. * **High Band (4900-5850 MHz):** For Wi-Fi 5/6 and public safety bands. ### Connector Topology (RP-SMA) The **"RSP"** suffix stands for **RP-SMA Plug**. Electronics-wise, this is a "Reverse Polarity" connector. Unlike standard SMA (where the male has a center pin), the RP-SMA Plug has a center receptacle. This is a common regulatory requirement for Wi-Fi equipment to prevent consumers from attaching high-gain professional antennas to consumer-grade routers. ### Passive RF Elements The device is a **passive electronic component**, meaning it does not require an external power supply. It relies on the electromagnetic induction of the radio waves hitting the internal radiator elements to induce a current that travels through the coaxial lead. --- ## 3. Application Context The electronics are housed in a low-profile "puck" or "dome" shape, making it suitable for: * **Fleet Management:** GPS and Cellular reporting. * **Industrial IoT:** Connecting remote sensors via 5G or Wi-Fi. * **Public Safety:** Rugged mounting on emergency vehicles. --- ## 4. Mechanical & Environmental Integration To protect the sensitive RF electronics, the LCANMOB1007-RSP includes: 1. **Radome Material:** High-impact ABS or Polycarbonate to prevent signal attenuation. 2. **Mounting:** Thru-hole permanent mount with a nut and gasket to ensure a grounded connection to the vehicle chassis (acting as a ground plane).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SMA and an RP-SMA connector in this antenna?
    • ⤷ Does this antenna require a ground plane for optimal performance?
    • ⤷ Can the LCANMOB1007-RSP be used for Wi-Fi 6E frequencies?