データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCB3JB10L0

  • AI
    The part number **LCB3JB10L0** refers to a high-precision, automotive-grade current sense resistor, typically manufactured by companies like **KOA Speer** (though part numbering formats can vary slightly between manufacturers for specific series). Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Component Overview The LCB series is generally categorized as a **Low Resistance Chip Resistor**. These are designed for power management and current sensing applications where minimal energy loss and high accuracy are required. ### 2. Technical Specifications The following table summarizes the key electrical parameters typical for this specific configuration: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | Represented by "10L0" in the part number. | | **Tolerance** | ±5% (J) | Indicated by the "J" in the part number. | | **Power Rating** | 0.5W to 3W | Depends on the specific package size/case. | | **TCR** | ±100 to ±250 ppm/°C | Temperature Coefficient of Resistance. | | **Material** | Metal Plate / Alloy | Provides stability and high heat dissipation. | | **Application** | Automotive / Industrial | AEC-Q200 qualified in many instances. | --- ### 3. Part Number Breakdown To understand the specific electronic properties, we can deconstruct the code: 1. **LCB**: Series Name (Low Resistance Chip Resistor). 2. **3**: Power Rating/Size Code (often corresponds to a specific physical footprint like 2512 or 1210). 3. **J**: Resistance Tolerance (J = ±5%). 4. **B**: Packaging/Termination Style (often denotes Bulk or specific Tape & Reel). 5. **10L0**: Resistance Value (10L0 = 10.0 milliohms). --- ### 4. Key Use Cases This component is vital in circuits where monitoring the flow of electricity is necessary: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. * **DC-DC Converters:** Sensing output current to regulate voltage levels. * **Motor Control:** Detecting over-current conditions to protect the motor. * **Power Supplies:** Providing feedback loops for current regulation. --- ### 5. Installation Considerations When using a 10mΩ resistor, PCB layout is critical. Because the resistance is so low, the resistance of the copper traces themselves can introduce errors. * **Kelvin Sensing (4-Terminal):** It is recommended to use a Kelvin connection layout to separate the "Current Path" from the "Voltage Sensing Path" to ensure measurement accuracy. ---
    ✨ Follow-up Questions
    • ⤷What is the physical package size (SMD code) for the LCB3 series?
    • ⤷ Does this resistor support AEC-Q200 automotive standards?
    • ⤷ How does the TCR value affect the accuracy of the 10mΩ reading at high temperatures?