データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCMXO2-2000HC-6BG256C

  • AI
    The **LCMXO2-2000HC-6BG256C** is a member of the **MachXO2** family of FPGAs (Field Programmable Gate Arrays) produced by Lattice Semiconductor. This specific part is widely used in system control, interface bridging, and power management due to its non-volatile nature and low power consumption. --- ## 1. Technical Specifications Breakdown The part number itself defines the primary electrical and physical characteristics of the chip: | Attribute | Specification | Description | | :--- | :--- | :--- | | **Logic Cells** | 2,112 Look-Up Tables (LUTs) | The basic programmable logic capacity. | | **Embedded Memory** | 74 Kbits (EBR) | Dedicated block RAM for data storage. | | **User Flash Memory** | 64 Kbits | Non-volatile storage for configuration or user data. | | **Core Voltage** | 2.5V to 3.3V (HC Series) | The "HC" indicates a high-performance/standard voltage range. | | **Speed Grade** | -6 | Indicates the performance tier (6 is a standard fast grade). | | **Package Type** | 256-ball caBGA | Chip-scale Ball Grid Array with 256 pins. | | **I/O Count** | 206 I/O Pins | Maximum number of user-configurable input/output pins. | | **Temperature** | 0°C to 85°C (C) | Commercial temperature rating. | --- ## 2. Key Architectural Features ### A. Non-Volatile "Instant-On" Unlike traditional FPGAs that require an external SPI Flash to load code upon power-up, the MachXO2 has **on-chip Flash**. This allows the device to be active within milliseconds, which is critical for power-sequencing other components on a PCB. ### B. Hardened IP Blocks To save logic cells for custom tasks, Lattice has "hardened" (built-in) several common functions: * **I2C/SPI Interfaces:** Dedicated hardware controllers for peripheral communication. * **Timer/Counters:** Built-in 16-bit timers. * **WISHBONE Bus:** A standard internal bus for connecting these peripherals. ### C. Advanced I/O Capabilities The 256-ball BGA package supports a high density of I/O. The pins support multiple standards: * **LVCMOS (3.3/2.5/1.8/1.5/1.2V)** * **LVDS** (Low-Voltage Differential Signaling) for high-speed data. * **Hot Socketing:** Can be plugged into a live system without damaging the part. --- ## 3. Power Management The `HC` (High Capacity/High Voltage) variant is optimized for systems where a 2.5V or 3.3V rail is readily available. ```yaml Power_Features: - Low_Static_Current: Minimized leakage for battery-powered apps. - Sleep_Mode: Logic can be powered down while maintaining configuration. - TransFR: Allows "Transparent Field Reconfiguration" (update logic while running). ``` --- ## 4. Typical Applications * **System Control:** Managing the power-up sequence of high-end CPUs/DSPs. * **Bus Bridging:** Converting signals between different formats (e.g., I2C to Parallel). * **GPIO Expansion:** Providing extra pins for microcontrollers. * **Display Interfacing:** Driving small LCD or OLED panels.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the HC and ZE variants of the MachXO2 series?
    • ⤷ Which software environment is required to program the LCMXO2-2000HC?
    • ⤷ Can you explain the internal configuration memory architecture (Flash vs SRAM) of this device?