データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCMXO2-256HC-4TG100I

  • AI
    The **LCMXO2-256HC-4TG100I** is a member of the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by **Lattice Semiconductor**. These devices are often categorized as "bridging" FPGAs because they combine the flexibility of an FPGA with the low cost and instant-on features of a CPLD (Complex Programmable Logic Device). --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Cells (LUTs)** | 256 Look-Up Tables | | **User I/O Count** | 78 I/Os | | **Package** | TQFP-100 (Thin Quad Flat Pack) | | **Speed Grade** | -4 (Standard speed) | | **Operating Voltage** | 2.5V to 3.3V (Core) | | **Internal RAM** | 0 Kb (EBR), utilizes Distributed RAM only | | **Flash Memory** | On-chip Non-volatile Configuration Memory (NVCM) | | **Temperature Range** | Industrial (-40°C to 100°C) | --- ### ### Key Electronic Components & Architecture 1. **Look-Up Tables (LUT4):** The core consists of 256 logic elements. Each element is a 4-input LUT capable of implementing any logic function. Because the count is low (256), this chip is primarily used for glue logic, state machines, and I/O expansion rather than heavy data processing. 2. **Instant-On Flash Technology:** Unlike high-end FPGAs that require an external SPI Flash to load their configuration at power-up, the MachXO2 stores its configuration in internal Flash. It is "ready to run" in microseconds. 3. **Hardened IP Blocks:** Despite its small size, it includes dedicated hardware (Hardened IP) for common functions, which saves logic cells for other tasks: * **I2C Interfaces:** Support for Master/Slave. * **SPI Interfaces:** Dedicated circuitry for serial communication. * **Timer/Counters:** Built-in hardware timers. 4. **I/O Bank Flexibility:** The 78 available I/Os are organized into banks. They support various standards such as LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V), LVTTL, and differential signaling like LVDS (Low Voltage Differential Signaling). --- ### ### Typical Use Cases * **Power Sequencing:** Controlling the power-up order of different rails on a complex PCB. * **I/O Expansion:** Adding extra GPIOs, I2C, or UART ports to a microcontroller that has run out of pins. * **Signal Level Shifting:** Bridging communication between components operating at different voltages (e.g., 1.8V to 3.3V). * **Simple Display Controllers:** Driving small character LCDs or LED matrices. --- ### ### Sample Pinout/Connection Logic In a TQFP-100 package, pins are distributed around the four sides of the chip. ```c // Example: Verilog code snippet for a simple LED blinker on this FPGA module blink (input clk, output reg led); reg [23:0] counter; always @(posedge clk) begin counter <= counter + 1; if (counter == 24'd12000000) begin led <= ~led; counter <= 0; end end endmodule ```
    ✨ Follow-up Questions
    • ⤷What are the differences between the HC and ZE variants of MachXO2?
    • ⤷ How does the non-volatile configuration memory (NVCM) improve system security?
    • ⤷ Can this FPGA be programmed using the Lattice Diamond software?