データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCMXO2-256UHC2BG256ITRES

  • AI
    ## Technical Overview of LCMXO2-256HC-4BG256I The **LCMXO2-256HC-4BG256I** belongs to the **MachXO2** family by Lattice Semiconductor. These are ultra-low-power, instant-on, non-volatile PLDs (Programmable Logic Devices) designed for system applications like bridging, I/O expansion, and control logic. --- ### 1. Part Number Breakdown Understanding the specific nomenclature is crucial for identifying its performance characteristics: | Code Segment | Description | | :--- | :--- | | **LCMXO2** | Product Family (MachXO2) | | **256** | Logic Density (256 Look-Up Tables / LUTs) | | **HC** | High Performance / High Voltage (Vcc = 2.5V or 3.3V) | | **4** | Speed Grade (Standard) | | **BG256** | Package Type (256-ball caBGA) | | **I** | Temperature Grade (Industrial: -40°C to +105°C) | --- ### 2. Core Architecture and Logic The MachXO2 architecture combines the flexibility of an FPGA with the configuration simplicity of a CPLD. * **Logic Cells:** It features 256 LUTs. Each LUT is a 4-input generator capable of implementing complex boolean logic. * **User Flash Memory (UFM):** Includes embedded non-volatile memory for storing configuration data or user data (e.g., serial numbers, calibration data). * **Embedded Function Blocks (EFB):** Contains hardened IP for commonly used interfaces: * **I2C** Controllers. * **SPI** Controllers. * **Timer/Counters.** --- ### 3. Electrical and Physical Specifications | Feature | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.5V to 3.3V | | **I/O Count** | Up to 206 User I/Os | | **Package Size** | 14mm x 14mm (1.0mm pitch) | | **Configuration** | Instant-on (Configures from internal Flash in <1ms) | | **Programming** | JTAG, SPI, or I2C | --- ### 4. Key Advantages 1. **Non-Volatile:** Unlike standard FPGAs, it does not require an external configuration PROM; the code stays on the chip after power-down. 2. **Low Power:** Designed for mobile and handheld applications where standby power is critical. 3. **Bridge Functionality:** Excellent for converting signals between different I/O standards (e.g., LVCMOS to LVDS). --- ### 5. Common Applications * **Power Sequencing:** Controlling the power-up order of larger processors or SoCs. * **Interface Bridging:** Connecting a legacy bus to a modern processor. * **I/O Expansion:** Adding more GPIO pins to a microcontroller that has run out of pins. * **Display Control:** Simple timing controllers for small LCD screens. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the HC and ZE variants of the MachXO2 family?
    • ⤷ How do I program the internal Flash memory using Lattice Diamond software?
    • ⤷ What is the typical power consumption in standby mode for this specific model?