データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCS-121-R

  • AI
    The **LCS-121-R** is a specific model of a **Limit Switch**, commonly used in industrial automation, robotics, and consumer electronics to detect the presence or position of a mechanical part. It is part of the subminiature snap-action switch family. --- ### 1. Key Technical Specifications Below are the primary electronic and physical characteristics of the LCS-121-R: | Feature | Specification | | :--- | :--- | | **Switch Type** | Snap Action / Micro Switch | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | Typically 0.1A to 5A (depending on voltage) | | **Voltage Rating** | 125V AC / 250V AC | | **Actuator Type** | Simulated Roller Lever | | **Termination Style** | PC Pin (Through-hole mounting) | | **Operating Force** | Light to medium (approx. 150gf) | --- ### 2. Internal Electronic Structure The "R" in the suffix often denotes the **Roller** or **Simulated Roller** actuator style. The internal mechanism consists of: * **Common Terminal (C):** The input point for the electrical signal. * **Normally Open (NO):** The circuit is disconnected until the lever is pressed. * **Normally Closed (NC):** The circuit is connected by default and breaks when the lever is pressed. * **Snap-Action Spring:** A beryllium copper or stainless steel spring that ensures a rapid transition between contacts, preventing "arcing" and ensuring a crisp electrical signal. --- ### 3. Connection Diagram (Logic) The SPDT configuration allows you to use the switch in two different ways: ```text [ COM ] | /-----+-----\ [ NC ] [ NO ] (Default ON) (Default OFF) ``` --- ### 4. Common Applications * **End-stops:** Used in 3D printers or CNC machines to define the "Home" position. * **Safety Interlocks:** Ensuring a door or panel is closed before a machine starts. * **Detection:** Sensing the presence of a tray, paper (in printers), or a mechanical arm. * **Control:** Low-power signal switching for microcontrollers (Arduino/ESP32). --- ### 5. Selection Considerations When integrating the LCS-121-R, keep the following in mind: 1. **Bounce:** Like all mechanical switches, it may suffer from "contact bounce." You should implement a hardware or software **debouncing** circuit (e.g., a 10ms delay in code). 2. **Load Type:** Ensure the current draw of your device does not exceed the rated Amperage to prevent the contacts from welding shut.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and SPST in limit switches?
    • ⤷ How do I implement a debouncing circuit for this switch?
    • ⤷ What are the physical dimensions for the PCB footprint of the LCS series?