データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCS-12E-R

  • AI
    The **LCS-12E-R** is a specific electronic component, typically categorized as a **Liquid Level Control Switch** or a conductive level controller, often manufactured by companies like *Nohken* or similar industrial automation brands. It is designed to detect the presence or absence of conductive liquids within a tank or vessel. --- ### 1. Key Technical Specifications The "E" in the model often signifies an "Economy" or "Extended" series, while the "R" typically indicates a **Relay Output**. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 100V AC or 200V AC (Model dependent) | | **Output Type** | Relay Contact (SPDT - Single Pole Double Throw) | | **Control Method** | Electrode-based conductive sensing | | **Sensitivity** | Adjustable (Fixed at specific kΩ ranges for standard water) | | **Mounting** | DIN Rail or Plug-in Socket (8-pin or 11-pin bases) | --- ### 2. Internal Electronic Components The device functions as a comparator circuit that measures resistance between electrodes. * **Transformer/Power Section:** Steps down the AC mains voltage to a safe, low-voltage AC signal (usually 8V or 24V) for the electrodes to prevent electrolysis. * **Conductivity Sensor Circuit:** A high-impedance input circuit that detects when a circuit is completed through the liquid. * **Time Delay Circuit:** Often includes a small capacitor-based RC circuit to prevent "chattering" (rapid switching) caused by ripples or waves in the liquid. * **Electromagnetic Relay:** The final physical component that switches the external load (pumps, valves, or alarms). --- ### 3. Wiring Configuration Most LCS-12E-R units use an 8-pin or 11-pin configuration. Below is a general representation of the pin logic: | Pin Type | Function | | :--- | :--- | | **Power (L/N)** | Mains power supply to energize the unit. | | **Electrodes (E1, E2, E3)** | **E1:** High level, **E2:** Low level, **E3:** Common (Reference). | | **Common (COM)** | The shared terminal for the relay output. | | **NC / NO** | Normally Closed / Normally Open contacts for the pump/alarm. | --- ### 4. Operational Logic The LCS-12E-R operates on the principle of **conductance**: 1. **Start:** When the liquid touches electrode **E1**, the circuit is completed to **E3**. 2. **Activation:** The internal relay triggers (e.g., starts a drainage pump). 3. **Hysteresis:** The pump continues to run even after the liquid drops below **E1**, stopping only when the liquid loses contact with **E2**. This prevents the motor from burning out due to frequent cycling. --- ### 5. Maintenance and Troubleshooting * **Scale Buildup:** Ensure the electrodes connected to the LCS-12E-R are clean. Corrosion or mineral deposits can increase resistance, preventing the unit from triggering. * **Cable Length:** Long cable runs between the controller and the tank can introduce stray capacitance; ensure the cable length stays within the manufacturer's recommended limit (usually <100m).
    ✨ Follow-up Questions
    • ⤷ How do I test the relay output of an LCS-12E-R using a multimeter?
    • ⤷ What is the difference between the LCS-12E-R and a float-less level switch?
    • ⤷ Can this unit be used with non-conductive liquids like oil or distilled water?