データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCS-151-R/

  • AI
    The **LCS-151-R** is a specific model of a **limit switch** (or microswitch) typically manufactured by brands like **Moujen**. It is an electromechanical device used to detect the presence or absence of an object through physical contact. --- ### 1. Key Technical Specifications The electrical and mechanical ratings define how this part functions within a circuit. | Feature | Specification | | :--- | :--- | | **Actuator Type** | Short Hinge Roller Lever | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Current Rating** | Usually 15A (at 125/250 VAC) | | **Circuitry** | 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Terminal Type** | Solder / Quick Connect | | **Operating Force** | ~160g (varies by sub-model) | --- ### 2. Electronic Internal Structure The "R" in the part number usually signifies the **Roller** lever. The internal electronic mechanism works as follows: * **COM (Common Terminal):** The input terminal where the power source is connected. * **NC (Normally Closed):** The path is complete when the switch is in its resting state. * **NO (Normally Open):** The path is open (no current flows) until the roller lever is depressed. * **Snap-Action Mechanism:** It uses a spring-loaded mechanism that "snaps" the contacts from one position to another at a specific trigger point. This prevents "arcing" (sparks) and ensures a clean electrical signal. --- ### 3. Application Use Cases Because of its high current rating (15A) and mechanical durability, the LCS-151-R is used in: 1. **Industrial Automation:** Detecting the position of a machine arm or a sliding door. 2. **Safety Interlocks:** Ensuring a machine guard is closed before the motor starts. 3. **Conveyor Systems:** Counting items as they pass over the roller lever. 4. **Appliances:** Used in heavy-duty appliances like microwave door latches or washing machines. --- ### 4. Comparison of Variants The LCS-151 series often comes with different suffixes denoting the actuator style: | Model Part | Actuator Style | Best For | | :--- | :--- | :--- | | **LCS-151-P** | Pin Plunger | Direct vertical force | | **LCS-151-L** | Long Hinge Lever | Low force detection | | **LCS-151-R** | **Short Roller Lever** | **Lateral/cam-driven movement** |
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for SPDT limit switches?
    • ⤷ How do I calculate the lifespan of a snap-action switch?
    • ⤷ Can this switch be used with DC voltages instead of AC?