データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCS-151-R/E

  • AI
    The **LCS-151-R/E** is a professional-grade, high-sensitivity photoelectric sensor typically used in industrial automation for the detection of transparent objects, such as glass, PET bottles, or clear films. --- ### 1. Key Technical Specifications The following table outlines the core electronic and functional characteristics of the LCS-151-R/E: | Feature | Specification | |:---|:---| | **Sensing Type** | Retro-reflective (requires a reflector) | | **Light Source** | Red LED (Visible) | | **Operating Voltage** | 12 to 24V DC | | **Current Consumption** | Max 30mA | | **Output Type** | NPN/PNP Open Collector (Model dependent) | | **Response Time** | Max 1ms | | **Sensing Distance** | Up to 1.5 meters (depending on reflector) | | **Sensitivity Adjustment** | Potentiometer (Trimmer) | --- ### 2. Core Electronic Components The device operates through a combination of optical and solid-state electronic circuits: 1. **Emitter Circuit:** Uses a pulsed Red LED. Pulsing the light source allows the sensor to distinguish its own light from ambient light (noise). 2. **Receiver (Phototransistor):** A high-speed photo-diode or phototransistor tuned to the specific wavelength of the emitter. 3. **Comparator Circuit:** This internal circuit compares the intensity of the light reflected back to a pre-set threshold. It is specialized for "low hysteresis," meaning it can detect a tiny drop in light intensity caused by clear glass. 4. **Output Switch:** A solid-state transistor (NPN or PNP) that acts as the "switch" to send a signal to a PLC (Programmable Logic Controller) or relay. --- ### 3. Wiring Diagram (Typical) Most LCS series sensors follow standard industrial color coding for their 3-wire or 4-wire setups: ```text Brown (+) ----> +12V to 24V DC Blue (-) ----> 0V / Ground Black (S) ----> Control Output (Signal) White (W) ----> Stability Output or L/D On Selection ``` --- ### 4. Operational Features * **Clear Object Detection:** Unlike standard sensors that require an object to block light completely, the LCS-151-R/E is designed to detect the refraction and slight attenuation of light as it passes through transparent materials. * **Stability Indicator:** Often features a secondary LED (usually green) to indicate that the sensor has a stable alignment with the reflector and is not on the "edge" of a false trigger. * **Light-ON / Dark-ON:** Electronic switching allows the user to choose whether the output triggers when the beam is broken or when the beam is established.
    ✨ Follow-up Questions
    • ⤷What is the difference between the NPN and PNP versions of this sensor?
    • ⤷ How do I calibrate the sensitivity for very thin clear plastic films?
    • ⤷ Which reflectors are compatible with the LCS-151-R/E for maximum range?