データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCS-2A-R/

  • AI
    The **LCS-2A-R** is a specific model of a **Liquid Level Controller** (often associated with brands like Omron or specialized industrial electronics manufacturers). It is designed to regulate the level of conductive liquids using electrodes. ### 1. Key Electronic Components & Subsystems The internal circuitry of an LCS-2A-R typically consists of the following functional blocks: | Component Category | Description | | :--- | :--- | | **Sense Terminals** | Connection points for electrodes (E1, E2, E3). Usually operates on low AC voltage to prevent electrolysis. | | **Electromagnetic Relay** | The switching element (typically DPDT or SPDT). It controls the pump or valve motor. | | **Comparator Circuit** | An IC (Integrated Circuit) that compares the resistance between electrodes to a preset threshold. | | **Transformer** | Steps down the input voltage (e.g., 110V/220V) to a safe operating voltage (e.g., 8V or 24V). | | **Rectifier/Filter** | Converts AC to DC to power the internal logic and the relay coil. | | **LED Indicators** | Visual feedback for "Power On" and "Relay Active" status. | --- ### 2. Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 110VAC or 220VAC (50/60Hz) | | **Inter-electrode Voltage** | 8V AC to 24V AC (Low voltage for safety) | | **Response Time** | Operate: 80ms max / Release: 160ms max | | **Contact Rating** | 5A at 250VAC (Resistive load) | | **Sensitivity** | Fixed or Adjustable (kΩ range depending on liquid conductivity) | --- ### 3. Functional Pinout/Wiring Logic The device usually follows a standard 8-pin or 11-pin circular socket configuration. 1. **Power Supply:** Pins connected to the main AC line. 2. **Electrode E1 (High):** Stops the pump when liquid touches this point. 3. **Electrode E2 (Low):** Starts the pump when liquid falls below this point. 4. **Electrode E3 (Common):** The reference/ground point (usually at the bottom of the tank). 5. **Output Contacts:** NO (Normally Open) and NC (Normally Closed) terminals for the load. --- ### 4. Application Scenarios * **Automatic Water Supply:** Turning on a pump when a tank is empty. * **Drainage Control:** Activating a submersible pump when a basement or pit fills up. * **Boiler Feed:** Ensuring water levels in industrial boilers remain within safe limits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LCS-2A-R and a standard float switch?
    • ⤷ How do I troubleshoot a relay that won't trigger even when water hits the probe?
    • ⤷ Can this controller be used with non-conductive liquids like oil?