LCS-4A-R
AI

The **LCS-4A-R** is a specific electronic component primarily associated with industrial automation and control systems, often identified as a **Limit Control Switch** or a **Level Control Sensor** module.
Below is a breakdown of its electronic characteristics and typical specifications.
---
### 1. Technical Specifications
This table outlines the typical electrical parameters for the LCS-4A-R series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 120V AC / 240V AC (Model dependent) |
| **Relay Configuration** | SPDT (Single Pole Double Throw) |
| **Contact Rating** | 10A @ 250V AC / 30V DC |
| **Enclosure Type** | NEMA 4X or DIN Rail Mountable |
| **Operating Temp** | -20°C to +70°C |
| **Response Time** | < 50ms |
---
### 2. Key Electronic Components
The internal circuitry of an LCS-4A-R generally consists of several functional blocks:
* **Power Supply Stage:** Uses a step-down transformer or a switching power supply (SMPS) to convert high-line voltage to low DC voltage (5V or 12V) for internal logic.
* **Input Isolation:** Employs **Optoisolators** to protect the sensitive control logic from high-voltage spikes on the input lines.
* **Comparator/Logic Circuit:** An Operational Amplifier (Op-Amp) or a dedicated IC compares the input signal (from a probe or sensor) against a fixed reference voltage.
* **Switching Element:** A heavy-duty mechanical **Relay** or Solid State Relay (SSR) that handles the actual load switching.
* **Status Indicators:** LED diodes (usually Red for Power and Green for Active) to provide visual feedback of the circuit state.
---
### 3. Application and Wiring Logic
The "R" in the suffix usually denotes **Remote** capability or **Reverse** logic. In a standard wiring scenario, the device acts as a bridge between a sensor and a high-power load (like a pump or motor).
#### Typical Pinout Logic:
```text
Terminal 1-2: Power Input (AC)
Terminal 3-4: Sensor Input (Probes/Dry Contact)
Terminal 5-6: Normally Open (NO) Contacts
Terminal 7-8: Normally Closed (NC) Contacts
```
---
### 4. Safety and Compliance
The electronic design usually adheres to the following standards:
* **UL/cUL Listed:** For safety in industrial environments.
* **RoHS Compliant:** Ensuring the use of lead-free solder and components.
* **Galvanic Isolation:** Ensures that the control side is physically separated from the load side to prevent electrocution or equipment damage.
- ⤷What are the specific wiring diagrams for the LCS-4A-R in a high-level alarm system?
- ⤷ How does the sensitivity adjustment work on this specific model?
- ⤷ Is the LCS-4A-R compatible with capacitive or inductive probes?