データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCS-53-R

  • AI
    ## Overview of the LCS-53-R The **LCS-53-R** is a specific model of a **Liquid Capacitive Level Sensor** (often referred to as a point level switch). These devices are engineered to detect the presence or absence of liquids through non-metallic container walls or via direct immersion, depending on the mounting configuration. --- ### Core Electronic Components and Specifications The LCS-53-R operates based on the principle of change in capacitance. Below are the primary technical specifications and electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Capacitive Proximity / Level Sensor | | **Output Type** | Relay Output (Standard "R" suffix) | | **Supply Voltage** | Typically 20-250V AC/DC (Universal) | | **Switching Current** | Up to 2A (Load dependent) | | **Adjustment** | Sensitivity Potentiometer (Multi-turn) | | **Housing Material** | Plastic (often PBT or PTFE for chemical resistance) | | **Indicators** | LED (usually Red/Yellow for output status) | --- ### Key Electronic Functional Blocks 1. **Capacitive Sensing Element:** The "head" of the sensor contains an electrode. When a liquid (which has a different dielectric constant than air) approaches the sensor face, the capacitance of the internal circuit changes. 2. **Oscillator Circuit:** The sensing electrode is part of an RC oscillator circuit. The change in capacitance alters the frequency or amplitude of the oscillations. 3. **Signal Evaluation Unit:** An internal integrated circuit (IC) processes the oscillation change. It compares the signal against a threshold set by the user via the sensitivity potentiometer. 4. **Relay Output Stage:** Unlike NPN/PNP transistors found in DC models, the **-R** version utilizes a mechanical or solid-state relay. This allows it to switch higher AC or DC voltages directly, making it versatile for industrial control panels. --- ### Wiring and Connection Diagram The LCS-53-R typically features a multi-wire cable or a plug connector. The standard configuration is as follows: * **Power Supply:** Two wires connected to the voltage source (20-250V). * **Relay Contacts:** * **Common (COM)** * **Normally Open (NO)** * **Normally Closed (NC)** > **Note:** Always verify the specific pinout on the product label, as wiring colors may vary by manufacturer (e.g., Rechner Sensors). --- ### Application Considerations * **Sensitivity Adjustment:** The sensitivity must be tuned to "ignore" the container wall (if sensing through plastic/glass) while "detecting" the liquid. * **Media Conductivity:** Highly conductive liquids are easier to detect but may require lower sensitivity settings to prevent false triggering from foam or residue. * **Relay Life:** Because it uses a mechanical relay, it has a finite number of switching cycles compared to contactless transistor outputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LCS-53-R and the transistor output (NPN/PNP) versions?
    • ⤷ How do you calibrate the sensitivity potentiometer for sensing through a plastic tank?
    • ⤷ What are the environmental IP ratings for the LCS-53-R series?