データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCS-72-R

  • AI
    The **LCS-72-R** is an electronic component primarily classified as a **Current Sensor** or **Current Monitor**. It is widely used in industrial automation, HVAC systems, and power management to detect the presence or magnitude of AC current in a conductor. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Device Overview The LCS (Linear Current Sensor) series is designed to provide an analog output voltage proportional to the AC current passing through the sensing window (the hole in the middle). | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Inductive / Toroidal Current Transformer | | **Output Type** | Analog (Linear) | | **Mounting** | PCB Mount (Through-hole) | | **Primary Current Range** | 0 to 72 Amps AC (Series dependent) | | **Housing Material** | Plastic Encapsulated / Potting | --- ### 2. Key Electronic Components & Working Principle The LCS-72-R operates on the principle of **Faraday's Law of Induction**. * **Toroidal Core:** The internal part of the sensor contains a high-permeability magnetic core. When an AC wire passes through the center, it acts as a "single-turn primary." * **Secondary Winding:** Fine copper wire is wrapped around the core multiple times. This transforms the high primary current into a low-level signal current. * **Internal Burden Resistor:** Most models in the "R" suffix category include an internal resistor that converts the induced current into a measurable **AC voltage output**. * **Pins:** Usually features 2 to 4 pins for PCB soldering. --- ### 3. Electrical Characteristics The "72" in the part number typically refers to its maximum rated current or a specific sensitivity scale. | Parameter | Value/Range | | :--- | :--- | | **Full Scale Current** | 72A (Continuous) | | **Frequency Range** | 50 Hz to 400 Hz | | **Isolation Voltage** | 2500V - 5000V AC (Between primary and secondary) | | **Output Sensitivity** | Variable (e.g., 10mV/Amp or similar depending on the load) | | **Temperature Range** | -40°C to +85°C | --- ### 4. Common Applications Due to its linear output, the LCS-72-R is found in: 1. **Motor Overload Protection:** Sensing if a motor is drawing too much current. 2. **Load Shedding:** Monitoring power usage to shut down non-essential equipment. 3. **Current Loops:** Interfacing with microcontrollers (via ADC) to display real-time power consumption. --- ### 5. Integration Code Example (Arduino/MCU) If you are connecting the LCS-72-R to a microcontroller, you must use an Analog-to-Digital Converter (ADC). ```cpp // Basic logic for reading the LCS-72-R sensor const int sensorPin = A0; float sensitivity = 0.1; // Example: 100mV per Amp void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(sensorPin); float voltage = (rawValue * 5.0) / 1023.0; float current = voltage / sensitivity; Serial.print("Current (Amps): "); Serial.println(current); delay(500); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage range for the LCS-72-R at 72 Amps?
    • ⤷ Does the LCS-72-R require an external power supply to operate?
    • ⤷ How do I calculate the burden resistor value if I need a custom output range?