データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LCS-7B-R/Q

  • AI
    The **LCS-7B-R/Q** typically refers to a specialized series of **Level Control Switches** (often magnetic float type) used in industrial liquid management. These components are designed to monitor fluid levels and trigger alarms or pump controls. --- ### 1. Core Electronic Components The device functions based on the interaction between a magnetic field and an electrical circuit. Below are the primary electronic parts: | Component | Function | Description | | :--- | :--- | :--- | | **Reed Switch** | Switching Mechanism | A hermetically sealed glass tube containing two metal contacts that close/open when a magnet approaches. | | **Permanent Magnet** | Actuator | Located inside the moving float; it triggers the internal reed switch without physical contact. | | **Terminal Block** | Connection | The wiring interface where external power and control lines are connected. | | **Microswitch (Optional)** | High Load Switching | In "Q" variants, a heavy-duty microswitch may replace the reed switch for higher current applications. | | **Resistor/Diode** | Protection | Internal components to prevent arcing or back-EMF when switching inductive loads. | --- ### 2. Technical Specifications Depending on the specific suffix (R for Reed, Q for Quick-acting/Microswitch), the electrical ratings vary: * **Switching Voltage:** Typically 110V/220V AC or 24V DC. * **Switching Capacity:** * *Reed Type (R):* Usually 0.5A to 1A (Low power, high sensitivity). * *Microswitch Type (Q):* Usually 3A to 10A (High power, direct pump control). * **Contact Form:** SPDT (Single Pole Double Throw) or SPST (Single Pole Single Throw). --- ### 3. Connection Logic (Wiring Example) The electronic assembly is generally wired in a "Normally Open" (NO) or "Normally Closed" (NC) configuration relative to the liquid level. ```markdown [ Power Source ] --- [ Common Terminal ] | / (Internal Switch) / | [ Alarm/Pump ] <--- [ NO/NC Terminal ] ``` --- ### 4. Key Differences: R vs. Q Models | Feature | LCS-7B-R | LCS-7B-Q | | :--- | :--- | :--- | | **Switch Type** | Magnetic Reed Switch | Mechanical Microswitch | | **Sensitivity** | High (triggers with slight movement) | Lower (requires physical lever force) | | **Durability** | High cycle life (sealed) | Better for high current/voltage | | **Common Use** | Logic controllers (PLC) | Direct motor or solenoid control |
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the LCS-7B-R model?
    • ⤷ Can the LCS-7B-Q be used directly with a high-power water pump?
    • ⤷ How do I test the continuity of the reed switch using a multimeter?