データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LD1085D2M33-R

  • AI
    The **LD1085D2M33-R** is a high-performance, low-dropout (LDO) positive voltage regulator. It is designed to provide a stable 3.3V output from a higher input voltage, capable of delivering up to 3 Amperes of current. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | 3.3 V (Fixed) | | **Input Voltage (Max)** | 30 V | | **Output Current** | 3 A | | **Dropout Voltage (Typ)** | 1.3 V @ 3A | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | --- ### 2. Internal Electronic Features * **Low Dropout Performance:** Unlike standard linear regulators (like the L78xx series), the LD1085 can maintain regulation even when the input voltage is only ~1.3V higher than the output. * **Built-in Protection:** * **Current Limiting:** Protects the device during output overload or short circuits. * **Thermal Shutdown:** Automatically shuts off the regulator if the internal junction temperature exceeds safe limits. * **NPN Pass Transistor:** Uses an NPN output transistor to ensure stability and high current capability. --- ### 3. Application Circuit To ensure stability, the LD1085 requires external capacitors. Below is a typical implementation: ```c [Input Voltage (Vin)] ---+---[IN OUT]---+--- [Output 3.3V] | [ GND ] | [C1] | [C2] | | | [GND] -------------------+-------+----------+--- [GND] // Component Values: // C1 (Input): 10uF Tantalum or Electrolytic // C2 (Output): 10uF to 22uF Tantalum (Required for stability) ``` --- ### 4. Common Use Cases 1. **Microprocessor Power Supply:** Providing clean 3.3V power to MCUs and FPGAs. 2. **Post-Regulation:** Following a switching power supply to remove high-frequency noise. 3. **Battery Powered Equipment:** Efficiently utilizing battery voltage as it drops. 4. **High Current Logic:** Powering LED arrays or sensors requiring up to 3A.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the D2PAK version of this regulator?
    • ⤷ How does the dropout voltage change at lower current levels?
    • ⤷ Can I use ceramic capacitors for the output (C2) instead of tantalum?