データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LD1085D2T18-R

  • AI
    ## Overview of LD1085D2T18-R The **LD1085D2T18-R** is a high-performance, low-dropout (LDO) positive voltage regulator. It is designed to provide a stable, fixed output voltage while maintaining high efficiency, even when the input voltage is only slightly higher than the output. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | STMicroelectronics | | **Output Type** | Fixed | | **Output Voltage** | 1.8 V | | **Output Current** | Up to 3.0 A | | **Max Input Voltage** | 30 V | | **Dropout Voltage** | Typically 1.3 V at 3A | | **Package / Case** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Major Electronic Components & Features The internal architecture of the LD1085 series includes several critical sub-circuits that ensure reliability and performance: * **NPN Pass Transistor:** Unlike some LDOs that use PNP transistors, the LD1085 uses an NPN output stage. This allows for lower output impedance and better stability with various types of output capacitors. * **Internal Current Limiting:** Protects the device and the load in the event of a short circuit or overload condition. * **Thermal Overload Protection:** The device includes a thermal shutdown circuit that turns off the regulator if the junction temperature exceeds safe limits (typically 150°C). * **Internal Reference Voltage:** A precision bandgap reference ensures the 1.8V output remains stable regardless of temperature fluctuations. --- ### 3. Application Details #### Pin Configuration (D2PAK) 1. **GND (Ground):** The reference point for input and output voltages. 2. **Vout (Output):** The regulated 1.8V output. 3. **Vin (Input):** The unregulated supply voltage. #### Typical Circuit Requirement To ensure stability and reduce noise, external capacitors are required: * **Input Capacitor:** A 10µF (or larger) tantalum or electrolytic capacitor is recommended to filter supply noise. * **Output Capacitor:** A 10µF (or larger) capacitor is **mandatory** for stability. The Equivalent Series Resistance (ESR) of this capacitor is critical for the internal feedback loop. --- ### 4. Comparison with Standard Regulators | Feature | Standard (e.g., LM7805) | LD1085D2T18-R | | :--- | :--- | :--- | | **Dropout Voltage** | ~2.0 V to 3.0 V | ~1.3 V | | **Current Output** | 1.0 A to 1.5 A | 3.0 A | | **Efficiency** | Lower | Higher (due to lower dropout) |
    ✨ Follow-up Questions
    • ⤷ What are the specific ESR requirements for the output capacitor to ensure stability?
    • ⤷ Can the LD1085D2T18-R be used in parallel to increase the output current?
    • ⤷ How does the D2PAK package handle heat dissipation compared to the TO-220 version?