データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LD160011CD

  • AI
    The **LD160011CD** is a high-performance, single-channel **Laser Diode Driver** Integrated Circuit (IC). It is specifically engineered for driving laser diodes in applications requiring high speed, precision current control, and protection mechanisms. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics typically associated with this series of laser drivers: | Parameter | Specification (Typical) | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.3V to 5.5V | | **Output Current** | Up to 300mA (LD dependent) | | **Modulation Frequency** | Up to 150 MHz | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | MSOP-8 or QFN | --- ## 2. Functional Electronic Components The internal architecture of the LD160011CD consists of several critical electronic blocks: ### A. Current Source & Modulation The IC acts as a controlled current source. It translates a small input voltage or signal into a stable current to drive the laser diode. It supports: * **CW (Continuous Wave) Mode:** For steady laser output. * **Modulated Mode:** High-speed switching for data transmission or pulsed LIDAR. ### B. Automatic Power Control (APC) This is a feedback loop involving a **Monitor Photodiode (MPD)**. * As laser diodes heat up, their efficiency drops. * The APC circuit senses the light output via the MPD and automatically increases the drive current to maintain a constant optical power. ### C. Protection Circuitry * **Soft Start:** Gradually increases current to prevent thermal shock. * **Overcurrent Protection (OCP):** Limits current to prevent the laser facet from "burning out." * **ESD Protection:** High-speed diodes protect the sensitive laser junction from static discharge. --- ## 3. Basic Application Circuit In a typical circuit design, the LD160011CD is connected as follows: ```c // Simplified Pin-to-Component Mapping Pin 1 (VCC) --> 5V Supply Pin 2 (GND) --> System Ground Pin 3 (LDA) --> Laser Diode Anode Pin 4 (LDC) --> Laser Diode Cathode Pin 5 (MD) --> Monitor Photodiode Input (Feedback) Pin 6 (SET) --> External Resistor (Sets Output Current) ``` --- ## 4. Common Use Cases * **Optical Fiber Communication:** High-speed data encoding. * **Laser Scanning:** Used in barcode readers and 3D scanners. * **LIDAR Systems:** Pulse generation for distance measurement. * **Medical Equipment:** Precision laser control for surgical or diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the maximum modulation speed supported by the LD160011CD?
    • ⤷ How does the APC (Automatic Power Control) circuit prevent laser degradation?
    • ⤷ What are the recommended external resistors for setting the drive current?