データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LD29080S80-R

  • AI
    The **LD29080S80-R** is a high-current, high-precision, low-dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage with minimal power dissipation, even when the input voltage is very close to the output voltage. --- ### ## Technical Specifications Below are the primary electrical characteristics for the LD29080S80-R: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 8.0V | | **Output Current** | 800 mA | | **Dropout Voltage (Typical)** | 400 mV @ 800 mA | | **Input Voltage Range** | Up to 13V | | **Package Type** | SOT-223 | | **Tolerance** | ±1% at 25°C | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features * **Low Dropout Performance:** The device uses a PNP pass transistor, which allows for a very low dropout voltage, extending the battery life in portable applications. * **Internal Protection:** It includes internal current limiting and thermal shutdown protection, preventing the chip from failing under short-circuit or overheating conditions. * **Stability:** It is designed to be stable even with low ESR (Equivalent Series Resistance) capacitors, typically requiring a 10µF output capacitor for stability. * **Very Low Quiescent Current:** It draws minimal current when the load is light, which is critical for power-sensitive electronics. --- ### ## Pinout Configuration The LD29080 in the SOT-223 package typically follows this configuration: 1. **VIN:** Input Voltage Supply. 2. **GND:** Ground (Connected to the heat sink tab). 3. **VOUT:** Regulated Output Voltage. --- ### ## Typical Application Circuit To use the LD29080S80-R, minimal external components are required. A basic implementation involves placing capacitors on the input and output lines to ensure stability and noise filtration. ```c // Schematic Representation [Input Voltage (Vin)] ---[ Cin: 10uF ]--- (Pin 1: VIN) (Pin 2: GND) --- [ Ground ] [Output Voltage (Vout)] ---[ Cout: 10uF ]--- (Pin 3: VOUT) ``` ### ## Common Use Cases * **Post-regulation for Switching Supplies:** To remove high-frequency noise from DC-DC converters. * **Battery Powered Systems:** Where the difference between battery voltage and required system voltage is small. * **Microprocessor Supplies:** Providing clean, stable power to logic circuits.
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation for the SOT-223 package?
    • ⤷ How does this regulator compare to the LM7808?
    • ⤷ What type of capacitors are recommended for the output to ensure stability?