LD2985G-C0-AF5-R
AI

The **LD2985G-C0-AF5-R** is a low-dropout (LDO) linear voltage regulator. It is designed for applications requiring high precision, low noise, and low power consumption, such as mobile phones and battery-powered portable devices.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Value / Specification |
| :--- | :--- |
| **Output Type** | Fixed |
| **Output Voltage** | 3.0V |
| **Input Voltage (Max)** | 16V |
| **Output Current** | 150 mA |
| **Dropout Voltage** | ~280mV @ 150mA |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Pin Count** | 5 Pins |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Functional Pinout Description
The device typically uses a standard 5-pin configuration:
1. **VIN (Input):** Supplies power to the regulator.
2. **GND (Ground):** Common reference point.
3. **ON/OFF (Enable):** Logic-controlled shutdown; pulling this low puts the chip in standby mode (< 1µA).
4. **BYPASS:** Connecting a small capacitor here significantly reduces output noise.
5. **VOUT (Output):** The regulated 3.0V DC output.
---
### 3. Features and Advantages
* **Low Quiescent Current:** It consumes very little power internally, extending battery life in portable electronics.
* **Low Noise Performance:** By adding an external capacitor to the Bypass pin, the output becomes very clean, which is essential for RF and sensitive analog circuits.
* **Electronic Shutdown:** Includes a control pin to turn the regulator on or off via a microcontroller (MCU).
* **Internal Protections:** Includes thermal overload protection and current limiting to prevent damage during a short circuit or overheating.
---
### 4. Part Number Breakdown (Naming Convention)
The suffix codes usually indicate specific manufacturing details:
* **LD2985:** Series Name (150mA LDO).
* **G:** Halogen-free / RoHS Compliant.
* **C0:** Indicates the specific fixed output voltage (3.0V).
* **AF5:** Package code (SOT-25).
* **R:** Tape and Reel packaging.
---
- ⤷
What is the recommended value for the Bypass capacitor to achieve minimum noise?
- ⤷ Can this regulator handle an input voltage of 12V safely?
- ⤷ What are the primary differences between the LD2985 and the LD2981 series?