データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LD39150DT18-R

  • AI
    The **LD39150DT18-R** is a high-performance, low-dropout (LDO) linear voltage regulator manufactured by STMicroelectronics. It is designed to provide a stable, low-noise output for high-current applications. --- ### ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 1.8V | | **Input Voltage Range** | 2.5V to 12V | | **Max Output Current** | 1.5A | | **Dropout Voltage** | Typ. 200mV @ 1.5A | | **Package Type** | DPAK (TO-252) | | **Operating Temperature** | -40°C to 125°C | | **Output Tolerance** | ±1% at 25°C | --- ### ## 2. Core Features * **Ultra Low Dropout:** The device requires very little "headroom" between the input and output voltage to maintain regulation, which minimizes power dissipation and heat. * **Fast Transient Response:** It can quickly adjust its output in response to sudden changes in load current, making it ideal for powering digital processors. * **Internal Protection:** * **Current Limiting:** Protects the device during short-circuit conditions. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits. * **Stability:** Requires only a small ceramic capacitor (typically 10µF) on the output for stability. --- ### ## 3. Pin Configuration The LD39150DT18-R in the DPAK package typically follows this pinout: 1. **VIN (Input):** Unregulated supply voltage. 2. **GND (Ground):** Common reference point (the tab is also connected to GND). 3. **VOUT (Output):** Regulated 1.8V output. --- ### ## 4. Application Circuit Example To use this part effectively, input and output capacitors must be placed as close to the pins as possible. ```markdown Vin (2.5V - 12V) ----[ 1uF Cap ]----( Pin 1: VIN ) ( Pin 2: GND )---- Ground Vout (1.8V Fixed) ---[ 10uF Cap ]---( Pin 3: VOUT ) ``` --- ### ## 5. Typical Applications * **Microprocessor Power Supplies:** Providing low-voltage cores for CPUs and FPGAs. * **Post-regulation:** Used after a switching regulator to "clean up" noise for sensitive analog circuits. * **Battery Powered Systems:** Efficiency is gained due to the low dropout characteristic.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the DPAK version of this IC?
    • ⤷ Can I use an output capacitor larger than 10uF with the LD39150?
    • ⤷ How does the dropout voltage change as the load current decreases?