データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LD39150DT25-R

  • AI
    ## LD39150DT25-R: Technical Overview The **LD39150DT25-R** is a low-dropout (LDO) linear voltage regulator designed to provide a stable, fixed output voltage of 2.5V. It is known for its high current capability and fast transient response, making it suitable for low-voltage microprocessor and DSP power supplies. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage (Fixed)** | 2.5V | | **Input Voltage Range** | 2.5V to 12V | | **Max Output Current** | 1.5A | | **Dropout Voltage** | Typically 0.2V (at 1.5A load) | | **Package Type** | DPAK (TO-252) | | **Operating Temperature** | -40°C to 125°C | | **Tolerance** | ±1% at 25°C | --- ### 2. Functional Features * **Low Dropout Voltage:** Since the dropout is very low (approx. 200mV), the device can maintain a stable 2.5V output even when the input voltage is only slightly higher (e.g., 2.7V). * **Protection Mechanisms:** * **Internal Current Limit:** Protects the device against short circuits. * **Thermal Shutdown:** Prevents damage by turning the device off if it exceeds its maximum operating temperature. * **Stability:** It is stable even with low ESR (Equivalent Series Resistance) ceramic capacitors. * **Inhibit Function:** Includes a control pin to enable or disable the regulator to save power. --- ### 3. Pin Configuration (DPAK) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **INHIBIT** | Logic high enables the device; logic low shuts it down. | | 2 | **VIN** | Input supply voltage. | | 3 | **GND** | Ground (connected to the tab). | | 4 | **VOUT** | Regulated 2.5V output. | --- ### 4. Typical Application Circuit To ensure stability and reduce noise, external capacitors are required. ```markdown Vin ----[ C_in (10uF) ]----( VIN Pin ) ( VOUT Pin )----[ C_out (10uF) ]---- Vout (2.5V) | | (GND) (GND) ``` --- ### 5. Common Use Cases * **Microprocessor Power:** Providing 2.5V rails for CPUs and FPGAs. * **Post-Regulators:** Used after a switching power supply to clean up ripple and noise. * **Battery Powered Systems:** High efficiency due to low dropout and low quiescent current.
    ✨ Follow-up Questions
    • ⤷What is the difference between the LD39150 and the LD1086 series?
    • ⤷ How do I calculate the heat dissipation for this part in a DPAK package?
    • ⤷ Can I use this regulator with an input voltage higher than 5V safely?