データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LD39150PT-R

  • AI
    ## Overview of the LD39150PT-R The **LD39150PT-R** is a high-accuracy low-dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage while handling up to **1.5A** of load current. It is commonly used in applications requiring low noise and high efficiency in voltage regulation, such as microprocessor supplies and battery-powered devices. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Type** | Fixed (typical models) / Adjustable | | **Output Current** | 1.5 A | | **Dropout Voltage** | ~200mV at 1.5A (Typical) | | **Input Voltage Range** | 1.5V to 5.5V | | **Operating Temperature** | -40°C to 125°C | | **Package Type** | PPAK / TO-252 (DPAK) | | **Quiescent Current** | ~2.5 mA at full load | --- ### Internal Electronic Components & Functions The LD39150PT-R consists of several internal stages that ensure precise voltage regulation: 1. **Pass Transistor (P-Channel MOSFET):** Unlike older NPN-based regulators, this uses a P-channel element which allows for an extremely low dropout voltage. This means the input voltage only needs to be slightly higher than the output voltage for the device to function. 2. **Bandgap Reference:** An internal circuit that provides a highly stable reference voltage, largely independent of temperature fluctuations. 3. **Error Amplifier:** This component constantly compares the feedback voltage from the output to the internal reference. It adjusts the gate of the pass transistor to maintain a constant output. 4. **Protection Circuitry:** * **Thermal Shutdown:** Automatically turns off the device if the internal temperature exceeds safe limits. * **Current Limiting:** Protects the regulator from damage during a short circuit or over-current event. --- ### Typical Application Circuit To ensure stability, the LD39150PT-R requires external capacitors. Below is a standard configuration: ```mermaid graph LR Vin --> Cin[Input Capacitor 1uF] Cin --> LDO[LD39150PT-R] LDO --> Cout[Output Capacitor 1uF] Cout --> Vout LDO --> GND[Ground] ``` * **Input Capacitor ($C_{in}$):** A $1\mu F$ capacitor is recommended to filter input noise. * **Output Capacitor ($C_{out}$):** A $1\mu F$ (or larger) low-ESR ceramic capacitor is essential for the stability of the internal feedback loop. --- ### Features and Advantages * **Low Dropout Voltage:** Minimizes power dissipation and allows the device to work even when the battery voltage drops close to the target output. * **Fast Transient Response:** Quickly recovers from sudden changes in load current, which is critical for digital circuits like FPGAs or DSPs. * **Logic-Controlled Enable (Optional):** Some variants include an "Inhibit" or "Enable" pin to shut down the device and save power.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LD39150 and the LD1117 series?
    • ⤷ How do I calculate the heat dissipation for this device in a 1.5A application?
    • ⤷ Does this regulator require a specific ESR range for the output capacitor?