データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LD40011CD

  • AI
    The **LD40011CD** is an integrated circuit (IC) primarily used in the automotive and industrial sectors. It is specifically designed as a **Quad Low-Side Driver**, often employed for controlling relays, solenoids, or small motors in electronic control units (ECUs). --- ## 1. Core Technical Specifications Below are the typical electronic characteristics of the LD40011CD: | Feature | Description | | :--- | :--- | | **Package Type** | SOIC-16 (Small Outline Integrated Circuit) | | **Number of Channels** | 4 Channels (Quad) | | **Output Type** | Low-Side Switch (NPN/NMOS arrangement) | | **Operating Voltage** | Typically 4.5V to 5.5V (Logic side) | | **Load Current** | Approx. 300mA - 600mA per channel | | **Protection** | Short circuit, Over-temperature, and Over-voltage | --- ## 2. Key Internal Components The IC functions by integrating several discrete electronic components into a single silicon die: 1. **Input Logic Buffer:** Interfaces directly with microcontrollers (CMOS/TTL compatible). It ensures that low-power signals from a CPU can trigger the high-power switch. 2. **Power Transistors:** Each channel contains a robust transistor (usually a DMOS or Bipolar structure) that acts as the switch to ground. 3. **Clamping Diodes:** Integrated Inductive Kickback protection. When driving inductive loads like relays, these diodes prevent high-voltage spikes from destroying the IC. 4. **Diagnostic Logic:** Some versions include a "Status" or "Fault" pin to inform the microcontroller if a load is disconnected or shorted. --- ## 3. Circuit Application Example In a standard automotive setup, the LD40011CD acts as the bridge between a low-power processor and heavy mechanical parts. ```c // Pseudo-logic for driving a relay via LD40011CD if (Engine_Start_Button == HIGH) { Set_Pin(IC_Input_1, HIGH); // IC turns on internal transistor // Current flows from Battery -> Relay Coil -> LD40011CD -> GND } ``` --- ## 4. Common Failure Points When troubleshooting a board containing this IC, look for these issues: * **Thermal Stress:** If the driven load exceeds the rated current, the IC will overheat. Look for discoloration on the SOIC-16 package. * **Voltage Spikes:** Though protected, extreme surges on the battery line can puncture the internal clamping diodes. * **Ground Offsets:** If the logic ground and power ground are not properly synced, the IC may provide erratic switching behavior. ---
    ✨ Follow-up Questions
    • ⤷ What are the direct pin-to-pin equivalents or replacements for the LD40011CD?
    • ⤷ How do I test if an LD40011CD is functional using a multimeter?
    • ⤷ Can the LD40011CD be used to drive PWM signals for LED dimming?