データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LDK120PU-R

  • AI
    The **LDK120PU-R** is a high-performance, low-dropout (LDO) linear voltage regulator designed by STMicroelectronics. It is specifically engineered for battery-powered applications where space-saving and high efficiency are critical. --- ### 1. Key Technical Specifications The LDK120 series is known for its balance between low quiescent current and high Power Supply Rejection Ratio (PSRR). | Parameter | Value | | :--- | :--- | | **Output Type** | Adjustable (ADJ) | | **Input Voltage Range** | 1.9 V to 5.5 V | | **Output Current** | 200 mA (Maximum) | | **Dropout Voltage** | Typ. 100 mV @ 100 mA | | **Quiescent Current** | Typ. 35 µA (0.1 µA in Off mode) | | **Package** | DFN6 (1.2 x 1.3 mm) | | **Operating Temperature** | -40°C to 125°C | --- ### 2. Core Functional Components The internal architecture of the LDK120PU-R consists of several critical electronic sections: 1. **Reference Voltage Source:** A highly stable internal bandgap reference used to compare against the output voltage. 2. **Error Amplifier:** Compares the feedback from the output pins to the internal reference. It adjusts the gate of the pass transistor to maintain the target voltage. 3. **Pass Element (P-channel MOSFET):** The "muscle" of the regulator. Because it uses a PMOS design, the dropout voltage is significantly lower than NPN-based regulators. 4. **Protection Circuitry:** * **Thermal Shutdown:** Protects the chip from overheating by shutting down if the junction temperature exceeds limits. * **Current Limiting:** Prevents the device from burning out during a short circuit or over-load condition. 5. **Enable (EN) Pin:** Logic-controlled shutdown feature to reduce power consumption to near-zero when the device is not in use. --- ### 3. Application Circuitry To function correctly, the LDK120PU-R requires minimal external components. Because it is stable with low-ESR ceramic capacitors, it saves significant PCB real estate. ```c // Typical Connection Logic Input (1.9V-5.5V) -> [C_in: 1uF] -> LDK120 Pin 1 (VIN) Enable Signal -> LDK120 Pin 3 (EN) Ground -> LDK120 Pin 2 (GND) Output Voltage <- [C_out: 1uF] <- LDK120 Pin 6 (VOUT) Feedback Loop -> [R1 / R2 Voltage Divider] -> LDK120 Pin 4 (ADJ) ``` --- ### 4. Advantages & Use Cases * **Low Noise:** High PSRR makes it ideal for sensitive analog circuits, such as RF modules or high-resolution ADCs. * **Small Footprint:** The DFN6 package is extremely small, making it suitable for wearables and IoT sensors. * **Battery Longevity:** The very low quiescent current ensures minimal drain on batteries during standby.
    ✨ Follow-up Questions
    • ⤷ What is the formula for calculating the output voltage using the ADJ pin?
    • ⤷ How does the LDK120PU-R compare to the fixed-voltage versions of the LDK120?
    • ⤷ What are the recommended values for the input and output capacitors?