データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LDS0705-151M-R

  • AI
    The **LDS0705-151M-R** is a specific electronic component, primarily classified as a **Power Inductor**. This part is commonly used in DC-DC conversion circuits and power management modules. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. Component Overview The part numbering usually follows a standard industry convention where the dimensions and electrical properties are embedded in the string. | Specification | Value | Description | | :--- | :--- | :--- | | **Component Type** | Power Inductor | Unshielded or Semi-shielded SMT Inductor | | **Inductance** | 150 $\mu$H | The "151" translates to $15 \times 10^1$ | | **Tolerance** | ±20% | Indicated by the "M" suffix | | **Dimensions** | ~7.0 x 7.8 x 5.0 mm | Indicated by the "0705" (Width/Height) | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ### 2. Electrical Characteristics To understand how this part behaves in a circuit, we look at three primary factors: * **Inductance (151):** The value is 150 microhenries ($\mu$H). This value determines how much energy the magnetic field can store and how well it filters high-frequency noise. * **Direct Current Resistance (DCR):** This is the internal resistance of the copper wire used in the coil. For a 150$\mu$H inductor of this size, the DCR typically ranges between **0.4Ω and 0.7Ω**. Lower DCR is preferred to reduce heat loss. * **Saturation Current ($I_{sat}$):** This is the maximum current at which the inductance drops (usually by 10-30%). For this specific model, the saturation current is generally around **0.7A to 0.9A**. --- ### 3. Material and Construction The LDS series typically features the following construction: * **Core Material:** Ferrite drum core. * **Wire:** Enameled copper wire. * **Terminals:** Tin-plated (Pb-Free/RoHS compliant). * **Packaging:** "R" at the end usually signifies **Tape & Reel** packaging for automated pick-and-place machines. --- ### 4. Typical Applications This part is designed for power regulation where space is moderate and medium inductance is required. * **DC-DC Converters:** Used in Step-up (Boost) or Step-down (Buck) converters. * **Filtering:** Decoupling power lines to remove AC ripple. * **Consumer Electronics:** Power supplies for LED drivers, LCD monitors, and portable instruments. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the LDS0705-151M-R?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
    • ⤷ What are the common alternatives if this specific part is out of stock?