データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LDS0705-2R2M-R

  • AI
    The **LDS0705-2R2M-R** is a high-performance **SMD (Surface Mount Device) Power Inductor**. These components are specifically designed to handle high current loads while maintaining a small physical footprint, typically used in power management circuits. --- ### 1. Technical Specifications The part number follows a specific naming convention that defines its electrical properties: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 2.2 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 0705 (Approx. 7.0 x 7.0 x 5.0 mm) | | **Mounting Type** | Surface Mount (SMD) | | **Shielding** | Usually Shielded (to reduce EMI) | | **Packaging** | Tape & Reel (indicated by 'R') | ### 2. Physical Characteristics - **Construction:** Typically consists of a ferrite core with a copper wire winding. The "Shielded" design ensures that the magnetic flux is contained within the component, preventing interference with neighboring sensitive electronics. - **Form Factor:** The square base (7x7mm) provides high stability during the PCB reflow soldering process. ### 3. Key Electrical Features 1. **Low DC Resistance (DCR):** Designed to minimize power loss as heat, increasing the efficiency of the overall power supply. 2. **High Saturation Current:** It can handle significant current spikes before the inductance value drops significantly. 3. **EMI Suppression:** Because it is shielded, it is ideal for high-density boards where electromagnetic interference must be kept to a minimum. ### 4. Common Applications This inductor is widely used in DC-DC converter circuits. Typical applications include: * **Voltage Regulator Modules (VRMs):** Found in laptops and desktop motherboards. * **Consumer Electronics:** Power stages for tablets, LED drivers, and portable gaming consoles. * **Industrial Power Supplies:** Used in distributed power systems where space is at a premium. --- ### Equivalent Component Selection If you are looking for a replacement, ensure the following parameters match or exceed the original: * **Inductance:** Must be exactly 2.2 µH. * **Current Rating (Isat/Irms):** Must be equal to or higher than the LDS0705 specification. * **Footprint:** Ensure the 7x7mm pad layout matches your PCB design.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the LDS0705-2R2M-R?
    • ⤷ How does a shielded inductor differ from an unshielded one in PCB design?
    • ⤷ Can I substitute a 2.2µH inductor with a different tolerance
    • ⤷ like ±10%?