データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LDX-6515DS-R2M

  • AI
    The **LDX-6515DS-R2M** is a high-performance, industrial-grade liquid crystal display (LCD) module, often utilized in digital signage, public information displays, and professional video walls. Below is a detailed breakdown of its electronic specifications and technical architecture. --- ### 1. Key Technical Specifications The device is characterized by its large format and high durability. | Feature | Specification | | :--- | :--- | | **Panel Size** | 65-inch Diagonal | | **Resolution** | 3840 x 2160 (Ultra HD / 4K) | | **Backlight Type** | Direct-LED (D-LED) | | **Brightness** | Typically 450 - 500 cd/m² | | **Interface** | LVDS / V-by-One / HDMI / DP | | **Refresh Rate** | 60Hz | --- ### 2. Core Electronic Components The internal architecture of the LDX-6515DS-R2M consists of several critical electronic subsystems: #### A. The T-CON Board (Timing Controller) This is the "brain" of the display panel. It translates the incoming video signal (from HDMI or DisplayPort) into the high-speed differential signaling required by the Source Drivers of the LCD. * **Function:** Manages frame timing, vertical/horizontal synchronization, and sub-pixel addressing. #### B. LED Driver Circuitry Unlike consumer TVs, this industrial module uses a robust constant-current LED driver to power the backlight array. * **Dimming:** Supports PWM (Pulse Width Modulation) for precise brightness control. * **Protection:** Includes over-voltage (OVP) and over-current (OCP) protection to prevent burnout during 24/7 operation. #### C. AD Board (Analog-to-Digital / Main Controller) If the unit is supplied as a full monitor rather than just an Open Cell, it includes an AD board. * **Scalers:** Advanced ICs that upscale lower-resolution content to 4K. * **Connectivity:** Handles the handshake for HDCP (Content Protection) and manages the OSD (On-Screen Display) firmware. --- ### 3. Interface and Connectivity The module utilizes specific industrial protocols for data transmission: 1. **V-by-One HS:** A high-speed digital interface developed to replace LVDS in 4K displays. It reduces EMI (Electromagnetic Interference) and allows for fewer cables between the mainboard and the panel. 2. **Internal Power Header:** Typically a 12V/24V DC input for the logic boards and a separate high-voltage rail for the LED backlight. 3. **I2C / UART:** Used for internal communication between sensors (like ambient light or temperature sensors) and the main controller. --- ### 4. Environmental and Operational Durability The electronic parts are selected for "24/7" duty cycles, which distinguishes them from standard consumer electronics: * **Thermal Management:** The PCBs are often designed with thicker copper layers and heat sinks to dissipate heat without active fans. * **Landscape/Portrait Support:** The liquid crystal distribution is optimized to prevent "gravity-induced" pooling of the liquid when the screen is mounted vertically. ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption requirements for the LDX-6515DS-R2M?
    • ⤷ Which specific V-by-One lane configuration does this model use?
    • ⤷ Is this module compatible with standard VESA mounting brackets?