データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LEDS

  • AI
    An LED (Light Emitting Diode) is a semiconductor light source that emits light when current flows through it. Unlike traditional bulbs, LEDs do not have filaments that burn out, making them highly efficient and durable. --- ### 1. Fundamental Physical Structure An LED consists of several key components that work together to produce light: | Component | Description | | :--- | :--- | | **Anode (+)** | The positive terminal (usually the longer leg). | | **Cathode (-)** | The negative terminal (usually the shorter leg, marked by a flat side on the casing). | | **Semiconductor Die** | The "heart" of the LED where the P-N junction is located. | | **Reflective Cavity** | A small cup that reflects light forward to increase brightness. | | **Epoxy Lens** | The outer plastic shell that protects the chip and focuses the light. | --- ### 2. How it Works: The P-N Junction LEDs operate based on the principle of **Electroluminescence**. 1. **P-Type Layer:** Contains "holes" (positive charge carriers). 2. **N-Type Layer:** Contains "electrons" (negative charge carriers). 3. **Recombination:** When a voltage is applied, electrons move across the junction and fall into the holes. 4. **Photon Release:** As electrons drop into a lower energy state, they release energy in the form of **photons** (light). --- ### 3. Electrical Characteristics When using LEDs in a circuit, you must consider two primary electrical specifications: * **Forward Voltage ($V_f$):** The minimum voltage required to make the LED conduct. * *Red LEDs:* ~1.8V to 2.2V * *Blue/White LEDs:* ~3.0V to 3.5V * **Forward Current ($I_f$):** The amount of current the LED can safely handle (usually **20mA** for standard 5mm LEDs). #### The Current-Limiting Resistor Because LEDs have low internal resistance, they will draw too much current and burn out if connected directly to a power source. A resistor must be used in series. **Formula to calculate the resistor:** `R = (Source Voltage - Forward Voltage) / Desired Current` --- ### 4. Common Types of LEDs 1. **Through-Hole LEDs:** Standard LEDs with two long legs used for breadboarding and indicator lights. 2. **SMD (Surface Mount Device):** Tiny, flat LEDs soldered directly onto PCB surfaces (found in smartphones and strips). 3. **RGB LEDs:** Contains Red, Green, and Blue chips in one package. By mixing intensities, they can create any color. 4. **COB (Chip on Board):** Multiple LED chips mounted together for high-intensity lighting (used in floodlights). ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the exact resistor value for a 5V circuit with a Red LED?
    • ⤷ What is the difference between Common Anode and Common Cathode RGB LEDs?
    • ⤷ Why do some LEDs require a constant current driver instead of just a resistor?